データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9203A データシート(PDF) 7 Page - STMicroelectronics

部品番号 TDA9203A
部品情報  I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9203A データシート(HTML) 7 Page - STMicroelectronics

Back Button TDA9203A Datasheet HTML 3Page - STMicroelectronics TDA9203A Datasheet HTML 4Page - STMicroelectronics TDA9203A Datasheet HTML 5Page - STMicroelectronics TDA9203A Datasheet HTML 6Page - STMicroelectronics TDA9203A Datasheet HTML 7Page - STMicroelectronics TDA9203A Datasheet HTML 8Page - STMicroelectronics TDA9203A Datasheet HTML 9Page - STMicroelectronics TDA9203A Datasheet HTML 10Page - STMicroelectronics TDA9203A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS
(Tamb =25
oC, VCC = 12V, CL = 12pF, RL =1k
Ω , unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AV
Maximum Gain (20 log x VOUT AC/VIN AC)
Contrast & Drive at maximum
18
dB
CAR
Contrast Attenuation Range
VIN = 0.7VPP, Contrast & Drive at POR
48
dB
DAR
Drive Attenuation Range
48
dB
GM
Gain Match
VOUT = 2.5VPP,VIN = 0.7VPP
Contrast = Drive = Maxi x 0.7
(power-on reset value)
± 0.1
dB
BW
Bandwidth Large Signal
At -3dB, VIN = 0.7VPP,VOUT =4VPP
Contrast = Drive = Maxi x 0.87
70
MHz
DIS
Video Output Distorsion (see Note)
f = 1MHz, VOUT =1VPP,VIN =1VPP
0.3
%
tR,tF
Video Output Rise and Fall Time
(see Note)
VIN = 0.7VPP,VOUT =4VPP
Contrast = Drive = Maxi x 0.87
5.5
ns
BRT
Brightness Maximum DC Level
Brightness Minimum DC Level
2.5
0
V
V
BRTM
Brightness Matching
BRT = 50%, Drive at POR
±20
mV
OSD
CAR
Contrast Attenuation Range
for OSD Input
24
dB
DC
Output Maximum DC Level
Output Minimum DC Level
2.5
0.5
V
V
RL
Equivalent Load on Video Output
with Tj
≤ Tj Max.
1k
CT
Croostalk between Video Channels
(see Note)
VOUT = 2.5VPP,VIN = 0.7VPP
Contrast = Drive = Maxi x 0.7
(power-on reset value)
fIN = 1MHz
44
dB
GABL
ABL Min. Attenuation
ABL Max. Attenuation
VABL = 5.3V Typical
VABL = 2.8V Typical
0
12
dB
dB
IABL
ABL Input Current
VABL = 5.3V
20
µA
RABL
ABL Input Resistor
See Figure 11
10
k
Note :
These parameters are not tested on each unit. They are measured during an internal qualification procedure which includes
characterization on batches coming from corners of our processes and also from temperature characterization.
I
2C ELECTRICAL CHARACTERISTICS (Tamb =25oC, VCC = 12V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
On Pins SDA, SCL
1.5
V
VIH
High Level Input Voltage
3
V
IIN
Input Current (Pins SDA, SCL)
0.4V < VIN < 4.5V
-10
+10
µA
fSCL(Max.)
SCL Maximum Clock Frequency
200
kHz
VOL
Low Level Output Voltage
SDA Pin when ACK
Sink Current = 6mA
0.6
V
TDA9203A
7/13


同様の部品番号 - TDA9203A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
   WIDE BAND VIDEO PREAMPLIFIER
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
More results

同様の説明 - TDA9203A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
logo
NXP Semiconductors
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
   160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
logo
ON Semiconductor
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com