データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8S10 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SM8S10
部品情報  Surface Mount Automotive Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM8S10 データシート(HTML) 4 Page - Vishay Siliconix

  SM8S10 Datasheet HTML 1Page - Vishay Siliconix SM8S10 Datasheet HTML 2Page - Vishay Siliconix SM8S10 Datasheet HTML 3Page - Vishay Siliconix SM8S10 Datasheet HTML 4Page - Vishay Siliconix SM8S10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
New Product
SM8S10 thru SM8S43A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88387
Revision: 21-Oct-08
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
t - Pulse Width (s)
100
10
1
0.1
0.01
0.01
0.1
1
10
100
R
JA
θ
R
JC
θ
Figure 6. Typical Junction Capacitance
VWM - Reverse Stand-Off Voltage (V)
100 000
10 000
1000
10
40
35
30
25
20
15
45
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at Stand-off
Voltage V
WM
Measured at Zero Bias
0.093(2.4)
0.116(3.0)
0.059(1.5)
0.098(2.5)
0.098(2.5)
0.138(3.5)
0.366(9.3)
0.343(8.7)
0.406(10.3)
0.382(9.7)
0.342(8.7)
0.327(8.3)
0.413(10.5)
0.374(9.5)
0.539(13.7)
0.524(13.3)
Lead 2/Metal Heatsink
0.020(0.5)
0.028(0.7)
0.016 (0.4) MIN.
0.197(5.0)
0.185(4.7)
Lead 1
0.628(16.0)
0.592(15.0)
DO-218AB
0.413(10.5)
0.374(9.5)
0.366(9.3)
0.343(8.7)
0.606(15.4)
0.583(14.8)
0.150(3.8)
0.126(3.2)
0.091(2.3)
0.067(1.7)
0.116(3.0)
0.093(2.4)
Mounting Pad Layout


同様の部品番号 - SM8S10

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SM8S10 VISHAY-SM8S10 Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S10 SUNMATE-SM8S10 Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SM8S10 VISHAY-SM8S10 Datasheet
97Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 20-Apr-11
logo
Shunye Enterprise
SM8S10 SHUNYE-SM8S10 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S10 VISHAY-SM8S10 Datasheet
98Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Sep-11
More results

同様の説明 - SM8S10

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shunye Enterprise
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Changzhou Shunye Electr...
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shunye Enterprise
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com