データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9203 データシート(PDF) 10 Page - STMicroelectronics

部品番号 TDA9203
部品情報  I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9203 データシート(HTML) 10 Page - STMicroelectronics

Back Button TDA9203 Datasheet HTML 5Page - STMicroelectronics TDA9203 Datasheet HTML 6Page - STMicroelectronics TDA9203 Datasheet HTML 7Page - STMicroelectronics TDA9203 Datasheet HTML 8Page - STMicroelectronics TDA9203 Datasheet HTML 9Page - STMicroelectronics TDA9203 Datasheet HTML 10Page - STMicroelectronics TDA9203 Datasheet HTML 11Page - STMicroelectronics TDA9203 Datasheet HTML 12Page - STMicroelectronics TDA9203 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
REGISTER DESCRIPTION (continued)
Drive Registers (R3, R4, R5) (Video IN = 0.5VPP, Brightness at minimum, Contrast at maximum)
Hex
b7
b6
b5
b4
b3
b2
b1
b0
CONT (VPP)
G (dB)
POR Value
00
0
0
0
0000
0
0
-
01
0
0
0
0000
1
0.015
-30
02
0
0
0
0001
0
0.031
-24
04
0
0
0
0010
0
0.062
-18
08
0
0
0
0100
0
0.125
-12
10
0
0
0
1000
0
0.25
-6
20
0
0
1
0000
0
0.5
0
40
0
1
0
0000
0
1
6
80
1
0
0
0000
0
2
12
B4
1
0
1
1010
0
2.812
15
X
FF
1
1
1
1111
1
4
18
Output DC Level Register (R6)
Hex
b7
b6
b5
b4
b3
b2
b1
b0
DC (V)
POR Value
03
0
0
0
0001
1
0.52
04
0
0
0
0010
0
0.69
08
0
0
0
0100
0
1.35
X
0F
0
0
0
0111
1
2.5
Code 00Hex, 01Hex and 02Hex : not to be used
OSD Contrast Register (R7) (VOSD IN = 2.4VMin.., Drive at maximum)
Hex
b7
b6
b5
b4
b3
b2
b1
b0
OSD (V)
G (dB)
POR Value
00
0
0
0
0000
0
0
-
01
0
0
0
0000
1
0.36
-24
02
0
0
0
0001
0
0.73
-18
04
0
0
0
0010
0
1.46
-12
08
0
0
0
0100
0
2.93
-6
X
0F
0
0
0
0111
1
5.5
0
BP and Miscellaneous Register (R8)
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR Value
0
BP Source = HSYNC
X
1
BP Source = BLK
0
0
BP Pulse Width = 0.33
µs
0
1
BP Pulse Width = 0.66
µs
1
0
BP Pulse Width = 1
µsX
1
1
BP Pulse Width = 1.3
µs
0
0
Test Purposes
X
0
0
0
Soft Blanking OFF
X
1
1
1
Soft Blanking ON
0
Semi Transparent OFF
X
1
Semi Transparent ON
0
Positive Blanking Polarity Selection
X
1
Negative Blanking Polarity Selection
TDA9203A
10/13


同様の部品番号 - TDA9203

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
   WIDE BAND VIDEO PREAMPLIFIER
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
More results

同様の説明 - TDA9203

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
logo
NXP Semiconductors
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
   160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
logo
ON Semiconductor
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com