データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMZG3788A データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SMZG3788A
部品情報  Surface Mount Power Voltage-Regulating Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMZG3788A データシート(HTML) 3 Page - Vishay Siliconix

  SMZG3788A Datasheet HTML 1Page - Vishay Siliconix SMZG3788A Datasheet HTML 2Page - Vishay Siliconix SMZG3788A Datasheet HTML 3Page - Vishay Siliconix SMZG3788A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMZG3788 thru SMZG3809B
Vishay General Semiconductor
Document Number: 88458
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 1. Maximum Continuous Power Dissipation
Figure 2. Typical Zener Impedance
0
2.0
1.5
1.0
25
50
75
100
125
150
175
0.5
60 Hz
Resistive or
Inductive Load
Lead Temperature (°C)
P.C.B. Mounted on
0.31 x 0.31 x 0.08" (8 x 8 x 2 mm)
Copper Pad Areas
0
100
10
1000
1
100
500
10
0.5
IZ - Zener Test Current (mA)
T
J = 25 °C
I
Z(rms) = 0.1 IZ(DC)
V
Z = 62 V
V
Z = 22 V
V
Z = 10 V
Figure 3. Typical Zener Impedance
Figure 4. Typical Temperature Coefficients
2
100
200
10
100
10
VZ - Zener Voltage (V)
I
Z = 1 mA
I
Z = 10 mA
I
Z = 20 mA
I
Z(rms) = 0.1 Iz(DC)
100
10
100
10
Tested at Rated I
ZT
VZ - Zener Voltage (V)
0.180 (4.57)
0.160 (4.06)
0.016 (0.41)
0.006 (0.15)
0.020
(0.51) MAX.
0.058 (1.47)
0.038 (0.97)
0.255 (6.48)
0.235 (5.97)
0.030 (0.76)
0.015 (0.38)
0.155 (3.94)
0.130 (3.30)
0.083 (2.10)
0 .077 (1.96)
0.095 (2.41)
0.075 (1.90)
0.165 (4.19)
0.085 (2.16)
0.060 (1.27)
DO-215AA (SMBG)
Mounting Pad Layout
Cathode Band
0.008 (0.20)
0.002 (0.05)
Seating Plane


同様の部品番号 - SMZG3788A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMZG3788A-E3/52 VISHAY-SMZG3788A-E3/52 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZG3788A-E3/5B VISHAY-SMZG3788A-E3/5B Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZG3788AHE3/52 VISHAY-SMZG3788AHE3/52 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZG3788AHE3/5B VISHAY-SMZG3788AHE3/5B Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
More results

同様の説明 - SMZG3788A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZJ3800B-E3 VISHAY-SMZJ3800B-E3 Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZJ3788 VISHAY-SMZJ3788 Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com