データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB8J36C データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SMB8J36C
部品情報  High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMB8J36C データシート(HTML) 4 Page - Vishay Siliconix

  SMB8J36C Datasheet HTML 1Page - Vishay Siliconix SMB8J36C Datasheet HTML 2Page - Vishay Siliconix SMB8J36C Datasheet HTML 3Page - Vishay Siliconix SMB8J36C Datasheet HTML 4Page - Vishay Siliconix SMB8J36C Datasheet HTML 5Page - Vishay Siliconix SMB8J36C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMB10(8)J5.0(C) thru SMB10(8)J40(C)A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88422
Revision: 22-Oct-08
4
Note:
(1) Mounted on minimum recommended pad layout
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient (1)
RθJA
72
°C/W
Typical thermal resistance, junction to lead
RθJL
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMB10J5.0A-E3/52
0.106
52
750
7" diameter plastic tape and reel
SMB10J5.0A-E3/5B
0.106
5B
3200
13" diameter plastic tape and reel
SMB10J5.0AHE3/52 (1)
0.106
52
750
7" diameter plastic tape and reel
SMB10J5.0AHE3/5B (1)
0.106
5B
3200
13" diameter plastic tape and reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
SMB8J5.0C -
SMB8J40CA
SMB10J5.0 -
SMB10J40A
0.1
1
10
100
0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pad Areas
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
td - Pulse Width (s)
0
25
50
75
100
100
75
50
25
0
125
150
175
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance
0
50
100
150
t
d
0
1.0
2.0
3.0
4.0
t - Time (ms)
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
10/1000 µs Waveform
as defined by R.E.A.
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
10
100
1000
10 000
10
1
Bi-Directional
100
200
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at
Zero Bias
V
R, Measured at
Stand-Off
Voltage V
WM
VWM - Reverse Stand-Off Voltage (V)


同様の部品番号 - SMB8J36C

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMB8J36CA VISHAY-SMB8J36CA Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMB8J36CA VISHAY-SMB8J36CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB8J36CA VISHAY-SMB8J36CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

同様の説明 - SMB8J36C

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMA5J40CA VISHAY-SMA5J40CA Datasheet
114Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMA5J5.0A VISHAY-SMA5J5.0A_12 Datasheet
91Kb / 5P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMB108J40CA VISHAY-SMB108J40CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB108J5.0CA VISHAY-SMB108J5.0CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMA5J30CA VISHAY-SMA5J30CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SMB10J30A-E3 VISHAY-SMB10J30A-E3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMA5J36CA VISHAY-SMA5J36CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
logo
Shenzhen Taychipst Elec...
SMA5J5.0A TAYCHIPST-SMA5J5.0A Datasheet
18Mb / 3P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SMB10J24HE3 VISHAY-SMB10J24HE3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com