データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAR63V-04-GS18 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 BAR63V-04-GS18
部品情報  RF PIN Diodes - Dual, Series in SOT-23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAR63V-04-GS18 データシート(HTML) 1 Page - Vishay Siliconix

  BAR63V-04-GS18 Datasheet HTML 1Page - Vishay Siliconix BAR63V-04-GS18 Datasheet HTML 2Page - Vishay Siliconix BAR63V-04-GS18 Datasheet HTML 3Page - Vishay Siliconix BAR63V-04-GS18 Datasheet HTML 4Page - Vishay Siliconix BAR63V-04-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAR63V-04
Document Number 85691
Rev. 1.3, 15-Apr-05
Vishay Semiconductors
www.vishay.com
1
18256
12
3
1
2
3
RF PIN Diodes - Dual, Series in SOT-23
Description
Characterized by a very low reverse Capacitance the
PIN Diode BAR63V-04 was designed for RF signal
tuning. As a function of the forward bias current the
forward resistance (rf) can be adjusted to less than
1
Ω while the low reverse capacitance offers a high
isolation. Typical applications for this PIN Diodes are
wireless, mobile and TV-systems.
Features
• Low forward resistance
• Very small reverse capacitance
• Lead (Pb)-free component
• Component in accordance to
RoHS 2002/95/EC and WEEE 2002/96/EC
Applications
For frequency up to 3 GHz
RF-signal tuning
Mobile, wireless and TV-Applications
Mechanical Data
Case: SOT-23 Plastic case
Weight: approx. 8.1 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Marking
Remarks
BAR63V-04
BAR63V-04-GS18 or BAR63V-04-GS08
C4
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
50
V
Forward current
IF
100
mA
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse voltage
IR = 10 µAVR
50
V
Reverse current
VR = 35 V
IR
10
nA
Forward voltage
IF = 100 mA
VF
1.2
V
Diode capacitance
f = 1 MHz, VR = 0
CD
0.28
pF
f = 1 MHz, VR = 5 V
CD
0.23
0.3
pF
e3


同様の部品番号 - BAR63V-04-GS18

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
BAR63V-04W-GS08 VISHAY-BAR63V-04W-GS08 Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
BAR63V-04W-GS18 VISHAY-BAR63V-04W-GS18 Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
More results

同様の説明 - BAR63V-04-GS18

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BAR64V-04 VISHAY-BAR64V-04 Datasheet
116Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.2, 26-Apr-04
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
BAR64V-05 VISHAY-BAR64V-05 Datasheet
100Kb / 4P
   RF PIN Diodes - Dual, Common Cathode in SOT-23
Rev. 1.2, 26-Apr-04
S392D VISHAY-S392D_05 Datasheet
100Kb / 4P
   RF PIN Diode - Dual in SOT-23
Rev. 1.5, 29-Apr-05
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
BAR63V-03 VISHAY-BAR63V-03 Datasheet
117Kb / 5P
   RF PIN Diode - Single in SOT-23
Rev. 1.4, 15-Apr-05
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
BAR64-05W VISHAY-BAR64-05W Datasheet
110Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
01-Jan-2022
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com