データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Y1183150K000F1L データシート(PDF) 1 Page - Vishay Siliconix

部品番号 Y1183150K000F1L
部品情報  Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1183150K000F1L データシート(HTML) 1 Page - Vishay Siliconix

  Y1183150K000F1L Datasheet HTML 1Page - Vishay Siliconix Y1183150K000F1L Datasheet HTML 2Page - Vishay Siliconix Y1183150K000F1L Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 63144
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 28-Feb-08
1
Ultra High Precision Bulk Metal® Z-Foil Extended Value Range
Resistor, with TCR of 0.2 ppm/°C, PCR of 5 ppm Rated Power,
Tolerance to 0.005 %, and Power Rated at 0.6 W
E102Z
Vishay Foil Resistors
Any value available within resistance range
The Z-foil technology provides a significant reduction of the
resistive component´s sensitivity to ambient temperature
variations (TCR) and applied power changes (PCR).
Designers can now guarantee a high degree of stability and
accuracy in fixed-resistor applications using solutions based
on Vishay´s revolutionary Z-foil technology.
The E102Z (0.150" lead spacing) and E102JZ (0.200" lead
spacing) extends the range of the ultra high precision Z201
and Z201L.
Our application engineering department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
- 55 °C to + 125 °C, + 25 °C ref.
0.2 ppm/°C typical
• Rated power: to 0.3 W at + 125 °C, 0.6 W at + 70 °C
• Tolerance: ± 0.005 %
• Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated
power
• Resistance range: 100 kΩ to 250 kΩ (higher and lower
values of resistance are available)
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient < 0.1 ppm/V
• Low inductance: < 0.08 µH typical
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Matched sets are available on request
(TCR tracking: to 0.5 ppm/°C)
FIGURE 1 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
Ambient Temperature (°C)
ΔR
R
(ppm)
0
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 2 - POWER DERATING CURVE
200 %
175 %
150 %
125 %
100 %
75 %
50 %
25 %
0
- 75
- 50
- 25
0
+ 25 + 50
+ 75 + 100 + 125 + 150 + 175 + 200
Ambient Temperature (°C)
- 55 °C
+ 70 °C
Double Rated Power
Rated Power
TABLE 1 - E102Z SPECIFICATIONS
Temperature Coefficient of Resistance (TCR)
- 55 °C to + 125 °C, + 25 °C ref.
0.2 ppm/°C typical, 0.8 ppm/°C maximum
Stability
Load life at 2000 h
Load life at 10 000 h
± 0.005 % maximum
ΔR at 0.1 W/+ 70 °C
± 0.015 % maximum
ΔR at 0.3 W/+ 125 °C
± 0.01 % maximum
ΔR at 0.05 W/+ 125 °C
± 0.05 % maximum
ΔR at 0.3 W/+ 125 °C
Current Noise
< - 40 dB
High Frequency Operation
Rise time
Inductance (L)
Capacitance (C)
1.0 ns
0.1 µH maximum; 0.08 µH typical
1.0 pF maximum; 0.5 pF typical
Voltage Coefficient
< 0.1 ppm/V
Thermal EMF
0.1 µV/°C maximum; 0.05 µV/°C typical


同様の部品番号 - Y1183150K000F1L

メーカー部品番号データシート部品情報
logo
Keysight Technologies
Y1180A KEYSIGHT-Y1180A Datasheet
2Mb / 14P
   PXI Matrix Switch Modules
Y1181A KEYSIGHT-Y1181A Datasheet
1Mb / 10P
   M9187A PXI Digital I/O Control Module
Y1181A KEYSIGHT-Y1181A Datasheet
2Mb / 14P
   PXI Matrix Switch Modules
Y1181A KEYSIGHT-Y1181A Datasheet
2Mb / 15P
   General Purpose Switch Modules
Y1182A KEYSIGHT-Y1182A Datasheet
1Mb / 13P
   PXI Multiplexer Switch Modules
More results

同様の説明 - Y1183150K000F1L

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
DSMZ VISHAY-DSMZ Datasheet
161Kb / 5P
   Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Revision: 06-Aug-07
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
1280G VISHAY-1280G_10 Datasheet
374Kb / 4P
   Bulk Metal® Foil Technology Ultra High Precision Trimming Potentiometers 3/4" Rectilinear
Revision: 25-Mar-10
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
FRSM VISHAY-FRSM Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com