データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP-5038SDE-1 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 TIP-5038SDE-1
部品情報  15” Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP-5038SDE-1 データシート(HTML) 2 Page - Vishay Siliconix

  TIP-5038SDE-1 Datasheet HTML 1Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 2Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 3Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 4Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 5Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 6Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
3
TIP-5038SDE-1
Vishay Dale
Document Number: 37072
Revision 28-Jun-01
GENERAL DESCRIPTION
Vishay Dale Electronics TIP products are infrared touch panels
designed to fit most flat panel display technologies. The touch
panels consist of infrared emitters and detectors, scanning elec-
tronics, a microprocessor based controller, a bezel and optical
filter assembly, and hardware to mount the touch panel assem-
bly to the flat panel display.
These touch panels are ideal for many applications including
medical instrumentation, machine or process controllers, point of
sale devices, public information displays, banking terminals, and
military.
Each panel has infrared LED emitters and phototransistors along
the X and Y axes, forming a grid of infrared light beams across
the face of the display. The first two numbers of the TIP “matrix”
number specify the number of X axis (vertical) beams, and the
last two numbers specify the number ofY (horizontal) beams. The
controller scans the emitter/detector pairs one at a time and de-
termines whether both X and Y beams are blocked, indicating
that a finger or stylus is present. (When beams are blocked on
only one axis, they are ignored and not reported.) The controller
determines the coordinates of the touch point and reports it to the
host computer. By interpolating, a “virtual” beam between two
physical beams, the number of touch points on each axis is ef-
fectively doubled. When an odd number of beams along either
axis is blocked, the coordinate of the center physical beam is
reported. When an even number of beams is blocked, the coor-
dinate of the virtual beam in the center of the blocked beams is
calculated and reported.
Vishay Dale’s TIP touch panels have a unique patented scan-
ning and logic system that make them virtually immune to most
lighting environments.
The touch controller supports ENTER, EXIT, CONTINUOUS, and
TRACKING report modes or combinations of these modes. The
controller also has a beeper output. Hardware handshaking, soft-
ware handshaking, baud rates, and X, Y coordinate invert fea-
tures are jumper selected. The user initializes the desired report
modes, coordinates are reported automatically or upon request
as needed. Several optical filters are standard to provide the
most cost effective filter for each application. “Non-standard” fil-
ters may be specified as well. The filter increases the contrast
ratio of the display and protects the display face and electronics.
Vishay Dale can assist in recommending the optimum filter based
on years of experience as a display manufacturer. The perim-
eter of the filter is bonded to the bezel, and a bezel to front panel
gasket is included to provide a splash proof seal.
Optional PC based software provides simple touch panel inte-
gration (see ordering instructions).
T5Driver emulates a mouse in Windows 95/98 applications.
TWDriver emulates a mouse in Windows applications.
TBDriver emulates a mouse in DOS applications.
Generic drivers or drivers for other operating systems are avail-
able through Touch Base, Ltd. Contact Vishay Dale for informa-
tion.
(Windows is a registered trademark of the Microsoft Corpora-
tion.)
To make a serial communication cable, use insulation displace-
ment connectors (IDC). Press a 10-pin IDC connector onto one
end of the ribbon cable, press a db-9 connector onto the other
end. Match pin 1 of the 10-pin to pin 1 of the db-9, the 10
thpin is
not used on the db-9.
The busy indicator from the host may be changed from CTS to
DSR by changing the position of the jumper at W3.
PIN CONNECTIONS
J1 DATA CONNECTOR
TOUCH PANEL CONNECTOR
HOST CONNECTOR
10-PIN (db-9)
(db-9) (db-25)
PIN
PIN
DESCRIPTION
PIN
PIN
DESCRIPTION
1
1
N/C (reserved)
2
6
N/C (reserved)
3
2
TxD (output)
2
3
RxD
4
7
CTS (input)
7
4
RTS
5
3
RxD (input)
3
2
TxD
6
8
RTS (output)
8
5
CTS
7
4
DSR (input)
4
20
DTR
8
9
N/C (reserved)
9
5
Ground
5
7
GND
10
-
N/C (reserved)
J4
AUDIO FEED BACK CONNECTOR (BEEPER)
PIN DESCRIPTION
1
Ground
2
Beeper Signal (active low)
3
Beeper Power Output (+ 5 VDC)
J5
POWER CONNECTOR
PIN DESCRIPTION
1
N/C
2
Ground
3
Ground
4+ 5V
W1 JUMPERS
BAUD RATE (Select 1)
19200 Baud
9600 Baud
SOFTWARE HANDSHAKING
NORMAL X
NORMAL Y
VISHAY
OTHER
J1
280105-02
AMP 746285-1
J2,J3
280105-04
AMP 746285-4
J4
280108-06
MOLEX 22-01-3037 housing
08-50-0114 terminals
J5
280108-05
AMP 1-480424-0 housing
350689-1 socket terminals
MATING CONNECTORS


同様の部品番号 - TIP-5038SDE-1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
More results

同様の説明 - TIP-5038SDE-1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
logo
DFI Inc
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
   15 Heavy Industrial Touch Panel PC
logo
Protech Systems Co., Lt...
POS-6920-PPC PROTECHSYSTEMS-POS-6920-PPC Datasheet
300Kb / 2P
   The Fanless 15" True Flat Touch Panel PC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com