データシートサーチシステム |
|
CS20108D0C330K5P データシート(PDF) 1 Page - Vishay Siliconix |
|
CS20108D0C330K5P データシート(HTML) 1 Page - Vishay Siliconix |
1 / 3 page www.vishay.com For technical questions, contact: ff2aresistors@vishay.com Document Number: 31522 1 Revision: 07-Aug-08 CS201 Vishay Dale Capacitor Networks, Single-In-Line, Conformal Coated SIP, "D" Profile FEATURES • X7R and COG capacitors available • Multiple isolated capacitors • Multiple capacitors, common ground • Custom design capability • “D” 0.300" [7.62 mm] package height (maximum) Note (1) COG capacitors may be substituted for X7R capacitors Available e1 STANDARD ELECTRICAL SPECIFICATIONS VISHAY DALE MODEL PROFILE SCHEMATIC CAPACITANCE RANGE CAPACITANCE TOLERANCE (- 55 °C to + 125 °C) % CAPACITOR VOLTAGE at 85 °C VDC COG (1) X7R CS201 D 1 33 pF - 3900 pF 470 pF - 0.1 µF ± 10 (K), ± 20 (M) 50 (5) CS201 D 3 33 pF - 3900 pF 470 pF - 0.1 µF ± 10 (K), ± 20 (M) 50 (5) CS201 D 4 33 pF - 3900 pF 470 pF - 0.1 µF ± 10 (K), ± 20 (M) 50 (5) TECHNICAL SPECIFICATIONS PARAMETER UNIT CS201 COG X7R Temperature Coefficient (- 55 °C to +125 °C) ppm/°C or % ± 30 ppm/°C ± 15 % Dissipation Factor (Maximum) ± % 0.15 2.5 MECHANICAL SPECIFICATIONS Marking Resistance to Solvents Permanency testing per MIL-STD- 202, Method 215 Solderability Per MIL-STD-202, Method 208E Body High alumina, epoxy coated (Flammability UL94 V-0) Terminals Phosphorus-bronze, solder plated Marking Pin #1 identifier, DALE or D, Part number (abbreviated as space allows), Date code GLOBAL PART NUMBER INFORMATION New Global Part Numbering: 20108D1C103K5P (preferred part numbering format) 2 0 1 0 8 D 1C 10 3K 5P __ _P GLOBAL MODEL PIN COUNT PACKAGE HEIGHT SCHEMATIC CHARACTERISTIC CAPACITANCE VALUE TOLERANCE VOLTAGE PACKAGING SPECIAL 201 = CS201 04 = 4 Pin 08 = 8 Pin 18 = 18 Pin D = “D” Profile 1 3 4 0 = Special C = COG X = X7R S = Special (in picofarads) 2 digit significant figure, followed by a multiplier 330 = 33 pF 392 = 3900 pF 104 = 0.1 µF K = ± 10 % M = ± 20 % S = Special 5 = 50V S = Special E = Lead (Pb)-free, Bulk P = Tin/Lead, Bulk Blank = Standard (Dash Number) (up to 3 digits) From 1-999 as applicable Historical Part Number example: CS20108D1C103K5 (will continue to be accepted) CS201 08 D 1C 103 K5 P03 HISTORICAL MODEL PIN COUNT PACKAGE HEIGHT SCHEMATIC CHARACTERISTIC CAPACITANCE VALUE TOLERANCE VOLTAGE PACKAGING |
同様の部品番号 - CS20108D0C330K5P |
|
同様の説明 - CS20108D0C330K5P |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |