データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST180SPBF データシート(PDF) 3 Page - Vishay Siliconix

部品番号 ST180SPBF
部品情報  Phase Control Thyristors (Stud Version), 200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST180SPBF データシート(HTML) 3 Page - Vishay Siliconix

  ST180SPBF Datasheet HTML 1Page - Vishay Siliconix ST180SPBF Datasheet HTML 2Page - Vishay Siliconix ST180SPBF Datasheet HTML 3Page - Vishay Siliconix ST180SPBF Datasheet HTML 4Page - Vishay Siliconix ST180SPBF Datasheet HTML 5Page - Vishay Siliconix ST180SPBF Datasheet HTML 6Page - Vishay Siliconix ST180SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94397
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
3
ST180SPbF Series
Phase Control Thyristors
(Stud Version), 200 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp ≤ 5 ms
10
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
2.0
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
3.0
A
Maximum peak positive gate voltage
+ VGM
TJ = TJ maximum, tp ≤ 5 ms
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger/
current/voltage are the lowest
value which will trigger all units
12 V anode to cathode applied
180
-
mA
TJ = 25 °C
90
150
TJ = 125 °C
40
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
2.9
-
V
TJ = 25 °C
1.8
3.0
TJ = 125 °C
1.2
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated VDRM anode to
cathode applied
10
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.105
K/W
Maximum thermal resistance,
case to heatsink
RthC-hs
Mounting surface, smooth, flat and greased
0.04
Mounting torque, ± 10 %
Non-lubricated threads
31
(275)
N · m
(lbf
⋅ in)
Lubricated threads
24.5
(210)
Approximate weight
280
g
Case style
See dimensions - link at the end of datasheeet
TO-209AB (TO-93)
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL
CONDUCTION
RECTANGULAR
CONDUCTION
TEST CONDITIONS
UNITS
180°
0.015
0.012
TJ = TJ maximum
K/W
120°
0.019
0.020
90°
0.025
0.027
60°
0.036
0.037
30°
0.060
0.060


同様の部品番号 - ST180SPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
ST180S IRF-ST180S Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Inchange Semiconductor ...
ST180S ISC-ST180S Datasheet
202Kb / 2P
   Phase Control Thyristors
ST180S04 ISC-ST180S04 Datasheet
202Kb / 2P
   Phase Control Thyristors
logo
International Rectifier
ST180S04M0 IRF-ST180S04M0 Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S04M0L IRF-ST180S04M0L Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
More results

同様の説明 - ST180SPBF

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-ST180S12P0V VISHAY-VS-ST180S12P0V Datasheet
202Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
Revision: 11-Mar-14
VS-ST180SPBF VISHAY-VS-ST180SPBF_V01 Datasheet
198Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
80RIA40PBF VISHAY-80RIA40PBF_10 Datasheet
160Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com