データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST180S20P0PBF データシート(PDF) 7 Page - Vishay Siliconix

部品番号 ST180S20P0PBF
部品情報  Phase Control Thyristors (Stud Version), 200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST180S20P0PBF データシート(HTML) 7 Page - Vishay Siliconix

  ST180S20P0PBF Datasheet HTML 1Page - Vishay Siliconix ST180S20P0PBF Datasheet HTML 2Page - Vishay Siliconix ST180S20P0PBF Datasheet HTML 3Page - Vishay Siliconix ST180S20P0PBF Datasheet HTML 4Page - Vishay Siliconix ST180S20P0PBF Datasheet HTML 5Page - Vishay Siliconix ST180S20P0PBF Datasheet HTML 6Page - Vishay Siliconix ST180S20P0PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


同様の部品番号 - ST180S20P0PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
ST180S20P0 IRF-ST180S20P0 Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S20P0 IRF-ST180S20P0 Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
ST180S20P0L IRF-ST180S20P0L Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S20P0V IRF-ST180S20P0V Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S20P0V IRF-ST180S20P0V Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
More results

同様の説明 - ST180S20P0PBF

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-ST180S12P0V VISHAY-VS-ST180S12P0V Datasheet
202Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
Revision: 11-Mar-14
VS-ST180SPBF VISHAY-VS-ST180SPBF_V01 Datasheet
198Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
80RIA40PBF VISHAY-80RIA40PBF_10 Datasheet
160Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com