データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA7063 データシート(PDF) 5 Page - STMicroelectronics

部品番号 TEA7063
部品情報  SPEECH CIRCUIT WITH POWER MANAGEMENT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7063 データシート(HTML) 5 Page - STMicroelectronics

  TEA7063 Datasheet HTML 1Page - STMicroelectronics TEA7063 Datasheet HTML 2Page - STMicroelectronics TEA7063 Datasheet HTML 3Page - STMicroelectronics TEA7063 Datasheet HTML 4Page - STMicroelectronics TEA7063 Datasheet HTML 5Page - STMicroelectronics TEA7063 Datasheet HTML 6Page - STMicroelectronics TEA7063 Datasheet HTML 7Page - STMicroelectronics TEA7063 Datasheet HTML 8Page - STMicroelectronics TEA7063 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CIRCUIT DESCRIPTION
1. DC CHARACTERISTICS
1.1 VC (pin 17)
The stabilized voltage VC is connected to Vline
(pin 16) through an internal shunt regulator T1,
T2, which presents to the line a high AC imped-
ance at frequecncies higher than 200Hz. At this
purpose the value of C1 (at pin 17) must be not
lower than 47
µF (suggested value is 100µF).
The shunt regulator, T1 and T2, also controls the
extra current source, or power management, at
pin 12 (see also paragraph 6).
1.2 VLINE (pin 16)
The line voltage (pin 16) is determined by the
value of the external resistor R6 and by the inter-
nal current, Iint, flowing between VC (pin 17) and
Ground (see also paragr.: 1.1):
VLINE =VC +R 6 x Iint
VC is fixed by design at about 2.5V.
Iint is reversely related to R9:
Iint = 8 Volt/R9 + 60
µAat IL > 25mA
Iint = 4 Volt/R9 + 60
µAat IL = 6mA
where IL depends on ILB (see supply manage-
ment)
VLINE must be externally adjusted (with R6) to
guarantee both DC and AC characteristic in ac-
cordance to the specific standard of the different
adminastrations.
Another adjustment of the DC characteristic is
possible with R9. Increasing the value of R9
causes a decrease of Iint and consequently a re-
duction of the product Iint x R9. (see also Para-
graph 7)
Figure 2
Figure 1
TEA7063
5/15


同様の部品番号 - TEA7063

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TEA7088A STMICROELECTRONICS-TEA7088A Datasheet
184Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
January 1998
TEA7088AFP STMICROELECTRONICS-TEA7088AFP Datasheet
184Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
January 1998
TEA7089 STMICROELECTRONICS-TEA7089 Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
TEA7089A STMICROELECTRONICS-TEA7089A Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
TEA7089AFP STMICROELECTRONICS-TEA7089AFP Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
More results

同様の説明 - TEA7063

メーカー部品番号データシート部品情報
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Rohm
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
logo
Panasonic Semiconductor
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
   Speech Network Circuit
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com