データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Y11225R0000D0L データシート(PDF) 4 Page - Vishay Siliconix

部品番号 Y11225R0000D0L
部品情報  Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y11225R0000D0L データシート(HTML) 4 Page - Vishay Siliconix

  Y11225R0000D0L Datasheet HTML 1Page - Vishay Siliconix Y11225R0000D0L Datasheet HTML 2Page - Vishay Siliconix Y11225R0000D0L Datasheet HTML 3Page - Vishay Siliconix Y11225R0000D0L Datasheet HTML 4Page - Vishay Siliconix Y11225R0000D0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VPR220S, VPR221S
Vishay Foil Resistors Bulk Metal
® Foil Technology Precision Foil Power Surface
Mount Resistors in TO-220 Configuration with TCR of
± 2 ppm/°C, Tolerance of to ± 0.01 % and Power Rating to 8 W
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63050
4
Revision: 29-Feb-08
Note
* Application engineering release: for non-standard requests, please contact application engineering
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y11235R00000Q9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = standard part, tin/lead terminations
9 = standard part, lead (Pb)-free termination
Other = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1122 = VPR220S
1123 = VPR221S
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1123 5R00000 Q 9 L:
TYPE: VPR221S
VALUE: 5.0
Ω
ABSOLUTE TOLERANCE: ± 0.02 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk pack
HISTORICAL PART NUMBER: VPR221ST 5R0000 Q B (will continue to be used)
VPR221S
T
5R0000
Q
B
MODEL
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
VPR220S
VPR221S
T = lead (Pb)-free
None = tin/lead alloy
5.0
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
B = bulk pack
12
35
000
R
Y1
Q9
0
L
0


同様の部品番号 - Y11225R0000D0L

メーカー部品番号データシート部品情報
logo
Shenzhen Taychipst Elec...
Y11 TAYCHIPST-Y11 Datasheet
3Mb / 3P
   ZENER DIODES
Y110 TAYCHIPST-Y110 Datasheet
3Mb / 3P
   ZENER DIODES
logo
Power Innovations Ltd
Y1112 POINN-Y1112 Datasheet
85Kb / 4P
   THE FLUORACTOR Y1112 FLUORESCENT LAMP STARTER SWITCH
Y1112L POINN-Y1112L Datasheet
76Kb / 4P
   THE FLUORACTOR Y1112L FLUORESCENT LAMP STARTER SWITCH
logo
Switchcraft, Inc.
Y113D SWITCH-Y113D Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
More results

同様の説明 - Y11225R0000D0L

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
Revision: 23-Jul-08
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 06-Aug-07
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
Revision: 19-Feb-08
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
   Precision Foil Power Resistors in TO 220 Configuration
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com