データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC150-6C5 データシート(PDF) 5 Page - Vishay Siliconix

部品番号 STC150-6C5
部品情報  Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STC150-6C5 データシート(HTML) 5 Page - Vishay Siliconix

  STC150-6C5 Datasheet HTML 1Page - Vishay Siliconix STC150-6C5 Datasheet HTML 2Page - Vishay Siliconix STC150-6C5 Datasheet HTML 3Page - Vishay Siliconix STC150-6C5 Datasheet HTML 4Page - Vishay Siliconix STC150-6C5 Datasheet HTML 5Page - Vishay Siliconix STC150-6C5 Datasheet HTML 6Page - Vishay Siliconix STC150-6C5 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 43006
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 10-Dec-07
95
STC
Subminiature, Leaded Solid Tantalum Capacitors
Polar or Non-Polar
Vishay Sprague
STANDARD RATINGS - NON-POLAR CAPACITORS
CAPACITANCE
(µF)
MAX.
DF (%)
MAX. DCL
AT + 25 °C (µA)
CASE
CODE
PART
NUMBER
15 WVDC AT + 85 °C
2.2
6
1.0
N1
STC2.2-15N1 (1)M
6.8
6
2.0
N2
STC6.8-15N2 (1)M
10
6
3.0
N3
STC10-15N3 (1)M
22
6
6.0
N4
STC22-15N4 (1)M
20 WVDC AT + 85 °C
1.5
6
1.0
N1
STC1.5-20N1 (1)M
4.7
6
2.0
N2
STC4.7-20N2 (1)M
6.8
6
3.0
N3
STC6.8-20N3 (1)M
15
6
6.0
N4
STC15-20N4 (1)M
25 WVDC AT + 85 °C
1.0
6
1.0
N1
STC1.0-25N1 (1)M
2.2
6
2.0
N2
STC2.2-25N2 (1)M
3.3
6
2.0
N2
STC3.3-25N2 (1)M
4.7
6
3.0
N3
STC4.7-25N3 (1)M
10
6
6.0
N4
STC10-25N4 (1)M
35 WVDC AT + 85 °C
0.68
6
1.0
N1
STC.68-35N1 (1)M
Note:
(1) Add A for axial, R for radial
MARKING
STC Capacitors case sizes C3 - C6 and N2 - N4 are
print marked:
- Capacitance is in picofarads
- 1st and 2nd digits are significant figures
- 3rd digit indicates the number of zeros.
All other case sizes are have color dot marking:
Capacitance
Color
Digit
In picofarads, indicated by 3 dots.
1st and 2nd dot give the significant
digits.
3rd dot indicates the number of
zeros.
Color dot location is shown on the
dimensional sketches.
Black dot is omitted on black sleeve.
Black
0
Brown
1
Red
2
Orange
3
Yellow
4
Green
5
Capacitance Tolerance
Color
Tolerance
Blue
6
Is indicated by a dot on
the side of the case.
Black dot is omitted.
Gold
± 5 %
Violet
7
Silver
± 10 %
Grey
8
None
± 20 %
White
9
None
+ 40 %/- 20 %
The positive lead is indicated by a color dot of red
epoxy on the unit.
e.g. Yellow-Violet-Green = 4 700 000 pf
= 4.7 µF


同様の部品番号 - STC150-6C5

メーカー部品番号データシート部品情報
logo
STCmicro Technology Co,...
STC15 STC-STC15 Datasheet
8Mb / 887P
   Super Strong Anti-Disturbance, Super Advanced Encryption
logo
List of Unclassifed Man...
STC15F100 ETC2-STC15F100 Datasheet
736Kb / 252P
   Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)
STC15F101 ETC2-STC15F101 Datasheet
736Kb / 252P
   Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)
STC15F101E ETC2-STC15F101E Datasheet
736Kb / 252P
   Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)
logo
STCmicro Technology Co,...
STC15F101W STC-STC15F101W Datasheet
8Mb / 887P
   Super Strong Anti-Disturbance, Super Advanced Encryption
More results

同様の説明 - STC150-6C5

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
List of Unclassifed Man...
CA72 ETC1-CA72 Datasheet
71Kb / 1P
   CA72 Series Non-polar Solid Electrolyte Tantalum Capacitor
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com