データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF10CCT データシート(PDF) 2 Page - Vishay Siliconix

部品番号 UF10CCT
部品情報  Dual Common-Cathode Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UF10CCT データシート(HTML) 2 Page - Vishay Siliconix

  UF10CCT Datasheet HTML 1Page - Vishay Siliconix UF10CCT Datasheet HTML 2Page - Vishay Siliconix UF10CCT Datasheet HTML 3Page - Vishay Siliconix UF10CCT Datasheet HTML 4Page - Vishay Siliconix UF10CCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
U(F,B)10BCT thru U(F,B)10DCT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88967
Revision: 13-May-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage per diode (1)
IF = 3.0 A
IF = 5.0 A
TJ = 25 °C
VF
0.97
1.05
-
1.10
V
IF = 3.0 A
IF = 5.0 A
TJ = 150 °C
0.79
0.89
-
0.95
Maximum reverse current per diode (2)
rated VR
TJ = 25 °C
TJ = 100 °C
IR
0.5
100
5.0
200
µA
Maximum reverse recovery time per diode
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
13
20
ns
IF = 1.0 A, dI/dt = 100 A/µs,
VR = 30 V, Irr = 0.1 IRM
19.7
25
Maximum stored charge per diode
IF = 2 A, dI/dt = 20 A/µs,
VR = 30 V, Irr = 0.1 IRM
Qrr
39
nC
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
U10xCT
UF10xCT
UB10xCT
UNIT
Typical thermal resistance per diode
RθJA
RθJC
25
5.3
25
7.5
25
5.3
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
U10DCT-E3/4W
1.87
4W
50/tube
Tube
ITO-220AB
UF10DCT-E3/4W
1.77
4W
50/tube
Tube
TO-263AB
UB10DCT-E3/4W
1.31
4W
50/tube
Tube
TO-263AB
UB10DCT-E3/8W
1.31
8W
800/reel
Tape and reel


同様の部品番号 - UF10CCT

メーカー部品番号データシート部品情報
logo
YENYO TECHNOLOGY Co., L...
UF10C01C YENYO-UF10C01C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF10C01CF YENYO-UF10C01CF Datasheet
676Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF10C02C YENYO-UF10C02C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF10C02CF YENYO-UF10C02CF Datasheet
676Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF10C03C YENYO-UF10C03C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results

同様の説明 - UF10CCT

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
FEP6XT VISHAY-FEP6XT Datasheet
151Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
01-Jan-2022
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 02-Sep-13
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 05-May-08
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Oct-13
logo
KODENSHI_AUK CORP.
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
20-APR-12
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com