データシートサーチシステム |
|
Y117212R7560T9W データシート(PDF) 3 Page - Vishay Siliconix |
|
Y117212R7560T9W データシート(HTML) 3 Page - Vishay Siliconix |
3 / 4 page VSM Series (0805, 1206, 1506, 2010, 2512) Vishay Foil Resistors High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm) www.vishay.com For any questions, contact: foil@vishay.com Document Number: 63070 3 Revision: 18-Sep-08 Notes 1. Avoid the use of cleaning agents which could attack epoxy resins, which form part of the resistor construction 2. Vacuum pick up is recommended for handling 3. Soldering iron may damage the resistor Note * For non-standard requests, please contact application engineering. FIGURE 4 - RECOMMENDED MOUNTING1)2)3) 25 % to 85 % of T A low profile solder fillet is recommended to avoid unnecessary stresses along top edge of metallization. IR and vapor phase reflow are best. TABLE 5 - SPACE AND MILITARY SPECIFICATIONS MODEL EEE-INST-002 DSCC MIL-PRF VSM0805 √ 07024 55342 VSM1206 √ 07025 VSM1506 √ 03010 VSM2010 √ 06001 VSM2512 √ 06002 TABLE 6 - GLOBAL PART NUMBER INFORMATION NEW GLOBAL PART NUMBER: Y145512K7560T9R (preferred part number format) DENOTES PRECISION VALUE AER* YR = Ω K = k Ω 0 = standard 9 = lead (Pb)-free 1 - 999 = custom PRODUCT CODE RESISTANCE TOLERANCE PACKAGING 1172 = VSM0805 1496 = VSM1206 1455 = VSM1506 1611 = VSM2010 1612 = VSM2512 T = ± 0.01 % Q = ± 0.02 % A = ± 0.05 % B = ± 0.10 % C = ± 0.25 % D = ± 0.5 % F = ± 1.0 % R = tape and reel W = waffle pack FOR EXAMPLE: ABOVE GLOBAL ORDER Y1455 12K7565 T 9 R: TYPE: VSM1506 VALUES: 12.7560 k Ω ABSOLUTE TOLERANCE: 0.01 % TERMINATION: lead (Pb)-free PACKAGING: tape and reel HISTORICAL PART NUMBER: VSM1506 12K756 TCR2 T S T (will continue to be used) VSM1506 12K756 TCR2 T S T MODEL RESISTANCE VALUE TCR CHARACTERISTICS TOLERANCE TERMINATION PACKAGING VSM0805 VSM1206 VSM1506 VSM2010 VSM2512 12.756 k Ω T = ± 0.01 % Q = ± 0.02 % A = ± 0.05 % B = ± 0.10 % C = ± 0.25 % D = ± 0.5 % F = ± 1.0 % S = lead (Pb)-free B = tin/lead T = tape and reel W = waffle pack 455 1 K 75 2 Y1 T9 6 R 0 |
同様の部品番号 - Y117212R7560T9W |
|
同様の説明 - Y117212R7560T9W |