データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD-700-KAC-GED-77.760 データシート(PDF) 9 Page - Vectron International, Inc

部品番号 CD-700-KAC-GED-77.760
部品情報  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECTRON [Vectron International, Inc]
ホームページ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700-KAC-GED-77.760 データシート(HTML) 9 Page - Vectron International, Inc

Back Button CD-700-KAC-GED-77.760 Datasheet HTML 5Page - Vectron International, Inc CD-700-KAC-GED-77.760 Datasheet HTML 6Page - Vectron International, Inc CD-700-KAC-GED-77.760 Datasheet HTML 7Page - Vectron International, Inc CD-700-KAC-GED-77.760 Datasheet HTML 8Page - Vectron International, Inc CD-700-KAC-GED-77.760 Datasheet HTML 9Page - Vectron International, Inc CD-700-KAC-GED-77.760 Datasheet HTML 10Page - Vectron International, Inc CD-700-KAC-GED-77.760 Datasheet HTML 11Page - Vectron International, Inc CD-700-KAC-GED-77.760 Datasheet HTML 12Page - Vectron International, Inc CD-700-KAC-GED-77.760 Datasheet HTML 13Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 9 of 14
Rev : 06Apr08
Layout Considerations
To achieve stable, low noise performance good analog layout techniques should be incorporated and a
partial list is shown below.
The CD-700 should be treated more like an analog device and the power supply must be well decoupled
with a good quality RF 0.01 uF capacitor in parallel with a 0.1 uF capacitor, located as close to pin 14 as
possible and connected to ground. In some cases, a
Π filter such as a large capacitor (10uF) to ground, a
series ferrite bead or inductor with 0.01 uF and 100 pF capacitor to ground to decouple the device
supply.
The traces for the OUT1, OUT2, RCLK and RDATA ouputs should be kept as short as possible. It is
common practice to use a series resistor ( 50 to 100 ohms ) in order to reduce reflections if these traces
are more than a couple of inches long. Also OUT1, OUT2, RCLK and RDATA should not be routed
directly underneath the device.
The op-amp loop filter components should be kept as close to the device as possible and the feedback
capacitor should be located close to the op-amp input terminal. The loop filter capacitor(s) should be low
leakage (polarized capacitors are allowed).
Unused outputs should be left floating and it is not required to load or terminate them (such as an ECL or
PECL output). Loading unused outputs will only increase current consumption.
Application Circuits
Figure 8. 8kHz to 44.736 MHz Frequency Translation
44.736 MHz
8 kHz (pin 5)
pin 1
pin 15
pin 16
pin 2
pin 3
10k 0.01uF 10k 2.2uF 330k 20k
0.1uF
10k , 2.2uF
10k
÷ 2796
16kHz (pin 6)
CD-700
pin 13
VCXO
÷
3.3 V


同様の部品番号 - CD-700-KAC-GED-77.760

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CD-700-KAC-GEB-XX.XXX ETC1-CD-700-KAC-GEB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

同様の説明 - CD-700-KAC-GED-77.760

メーカー部品番号データシート部品情報
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com