データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1937WBSTZ-RL データシート(PDF) 8 Page - Analog Devices

部品番号 AD1937WBSTZ-RL
部品情報  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1937WBSTZ-RL データシート(HTML) 8 Page - Analog Devices

Back Button AD1937WBSTZ-RL Datasheet HTML 4Page - Analog Devices AD1937WBSTZ-RL Datasheet HTML 5Page - Analog Devices AD1937WBSTZ-RL Datasheet HTML 6Page - Analog Devices AD1937WBSTZ-RL Datasheet HTML 7Page - Analog Devices AD1937WBSTZ-RL Datasheet HTML 8Page - Analog Devices AD1937WBSTZ-RL Datasheet HTML 9Page - Analog Devices AD1937WBSTZ-RL Datasheet HTML 10Page - Analog Devices AD1937WBSTZ-RL Datasheet HTML 11Page - Analog Devices AD1937WBSTZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD1937
Rev. 0 | Page 8 of 36
TIMING SPECIFICATIONS
−40°C < TA < +130°C, DVDD = 3.3 V ± 10%.
Table 8.
Parameter
Condition
Comments
Min
Max
Unit
INPUT MASTER CLOCK (MCLK) AND RESET
tMH
MCLK duty cycle
DAC/ADC clock source = PLL clock
@ 256 fS, 384 fS, 512 fS, and 768 fS
40
60
%
tMH
DAC/ADC clock source = direct MCLK
@ 512 fS (bypass on-chip PLL)
40
60
%
fMCLK
MCLK frequency
PLL mode, 256 fS reference
6.9
13.8
MHz
fMCLK
Direct 512 fS mode
27.6
MHz
tPDR
Low
15
ns
tPDRR
Recovery
Reset to active output
4096
tMCLK
PLL
Lock Time
MCLK or LRCLK
10
ms
256 fS VCO Clock, Output Duty Cycle,
MCLKO/MCLKXO Pin
40
60
%
I2C
See Figure 13 and Figure 14
fSCL
SCL clock frequency
400
kHz
tSCLL
SCL low
1.3
μs
tSCLH
SCL high
0.6
μs
tSCS
Setup time (start condition)
Relevent for repeated start condition
0.6
μs
tSCH
Hold time (start condition)
First clock generated after this period
0.6
μs
tSSH
Setup time (stop condition)
0.6
μs
tDS
Data setup time
100
ns
tSR
SDA and SCL rise time
300
ns
tSF
SDA and SCL fall time
300
ns
tBFT
Bus-free time
Between stop and start
1.3
μs
DAC SERIAL PORT
See Figure 2
tDBH
DBCLK high
Slave mode
10
ns
tDBL
DBCLK low
Slave mode
10
ns
tDLS
DLRCLK setup
To DBCLK rising, slave mode
10
ns
DLRCLK skew
From DBCLK falling, master mode
−8
+8
ns
tDLH
DLRCLK hold
From DBCLK rising, slave mode
5
ns
tDDS
DSDATA setup
To DBCLK rising
10
ns
tDDH
DSDATA hold
From DBCLK rising
5
ns
ADC SERIAL PORT
See Figure 3
tABH
ABCLK high
Slave mode
10
ns
tABL
ABCLK low
Slave mode
10
ns
tALS
ALRCLK setup
To ABCLK rising, slave mode
10
ns
ALRCLK skew
From ABCLK falling, master mode
−8
+8
ns
tALH
ALRCLK hold
From ABCLK rising, slave mode
5
ns
tABDD
ASDATA delay
From ABCLK falling, any mode
18
ns
AUXILIARY INTERFACE
tAXDS
AAUXDATA setup
To AUXBCLK rising
10
ns
tAXDH
AAUXDATA hold
From AUXBCLK rising
5
ns
tDXDD
DAUXDATA delay
From AUXBCLK falling
18
ns
tXBH
AUXBCLK high
10
ns
tXBL
AUXBCLK low
10
ns
tDLS
AUXLRCLK setup
To AUXBCLK rising
10
ns
tDLH
AUXLRCLK hold
From AUXBCLK rising
5
ns


同様の部品番号 - AD1937WBSTZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1937WBSTZ-RL AD-AD1937WBSTZ-RL Datasheet
435Kb / 37P
   Four ADCs/Eight DACs
More results

同様の説明 - AD1937WBSTZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1974 AD-AD1974 Datasheet
492Kb / 24P
   4 ADC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1937 AD-AD1937_17 Datasheet
435Kb / 37P
   Four ADCs/Eight DACs
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com