データシートサーチシステム |
|
CX-3OT-SM132C データシート(PDF) 2 Page - EUROQUARTZ limited |
|
CX-3OT-SM132C データシート(HTML) 2 Page - EUROQUARTZ limited |
2 / 2 page Circuit Design Solder Pad Layout 1.78 3.05 5.46 CX-3H-SM- Bulk Pack (Standard) - 16mm tape, 178mm or 330mm reels (Optional) per EIA 481 - Tray Pack (Optional) Packaging Conventional HCMOS Pierce Oscillator Circuit CX-2 Buffer Amplifier Osc. Freq. (Fo) C C C5 RB R) Order Code CX-3 “S” if special or custom design Blank if standard Frequency SM1 SM2 SM3 Calibration Tolerance* @ 25°C A, B, C 32MHz -SM1 Temperature Range: C = Commercial I = Industrial M = Military S = Specify ( A / 25ppm / 50ppm / I ) O.T.=3rd O.T. Mode Blank = Fundamental C = Ceramic Lid Blank = Glass Lid Frequency Stability over Temperature Range Total Frequency Tolerance *For other calibration tolerances enter figure in ppm Terminations Designation SM1 Gold Plated SM2 Nickel, Silver Plated SM3 Nickel, Solder Plated and Solder Dipped Termination CX-3-SM 9.6MHz to 160MHz LOW-PROFILE MINIATURE AT-CUT SMD CRYSTAL CX-3-SM 9.6MHz to 160MHz LOW-PROFILE MINIATURE AT-CUT SMD CRYSTAL +44(0)1460 230000 +44(0)1460 230001 sales@euroquartz.co.uk www.euroquartz.co.uk Telephone: Fax: Email: Web: EUROQUARTZ CX MINIATURE CRYSTALS Page 2of2 |
同様の部品番号 - CX-3OT-SM132C |
|
同様の説明 - CX-3OT-SM132C |