データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10XS3435 データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MC10XS3435
部品情報  Quad High Side Switch (Dual 10m廓, Dual 35m廓)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3435 データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC10XS3435 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
10XS3435
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUTS HS0 TO HS3 (CONTINUED)
HS[0,1] Output Over-current Detection Levels (6.0V < VHS[0:3] < 20V)
28W bit = 0
28W bit = 1
OCHI1_0
OCHI2_0
OC1_0
OC2_0
OC3_0
OC4_0
OCLO4_0
OCLO3_0
OCLO2_0
OCLO1_0
OCHI1_1
OCHI2_1
OC1_1
OC2_1
OC3_1
OC4_1
OCLO4_1
OCLO3_1
OCLO2_1
OCLO1_1
78
50
44.1
37.8
31.5
25.2
18.9
12.6
10.0
6.4
39
25
22.0
18.9
15.7
12.6
4.5
4.5
4.5
3.0
94.0
60.0
52.5
45.0
37.5
30.0
22.5
15.0
12.0
8.0
47.0
30.0
26.2
22.5
18.7
15.0
6.0
6.0
6.0
4.0
110
70
60.9
52.2
43.5
34.8
26.1
17.4
14.0
9.6
55
35
30.5
26.1
21.8
17.4
7.5
7.5
7.5
5.0
A
HS[0,1] Current Sense Ratio (6.0 V < HS[0:3] < 20V, CSNS < 5.0V)(13)
28W bit = 0
CSNS_ratio bit = 0
CSNS_ratio bit = 1
28W bit = 1
CSNS_ratio bit = 0
CSNS_ratio bit = 1
CSR0_0
CSR1_0
CSR0_1
CSR1_1
1/8900
1/53000
1/4450
1/26500
HS[0,1] Current Sense Ratio (CSR0) Accuracy (6.0V < VHS[0:3] < 20V)
with 28W bit=0
Output Current
12.5A
5.0A
3.0A
1.5A
CSR0_0_ACC
-12
-13
-16
-20
12
13
16
20
%
Notes
13.
Current sense ratio = ICSNS / IHS[0:3]
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0V
≤ VPWR ≤ 20V, 3.0V ≤ VDD ≤ 5.5V, -40°C ≤ TA ≤ 125°C, GND = 0V unless otherwise
noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC10XS3435

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435BHFK FREESCALE-MC10XS3435BHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435BPNA FREESCALE-MC10XS3435BPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435DHFK FREESCALE-MC10XS3435DHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435DPNA FREESCALE-MC10XS3435DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results

同様の説明 - MC10XS3435

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
2Mb / 51P
   Quad High Side Switch (Dual 10m廓, Dual 12m廓)
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
logo
Infineon Technologies A...
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com