データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2100P1YZHT データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2100P1YZHT
部品情報  19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2100P1YZHT データシート(HTML) 6 Page - Texas Instruments

Back Button TPA2100P1YZHT Datasheet HTML 2Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 3Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 4Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 5Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 6Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 7Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 8Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 9Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
VO − OutputVoltage − Vrms
0.00
0.05
0.10
0.15
0.20
0.25
0
1
2
3
4
5
6
7
Frequency=1kHz
VDD =3.6V
VDD =5.5V
VDD =2.5V
VO − OutputVoltage − Vrms
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
Frequency=1kHz
VDD =3.6V
VDD =5.5V
VDD =2.5V
0
1
2
3
4
5
6
7
8
9
10
f − Frequency − Hz
THD=1%@1kHz
20
100
1k
10k
20k
VDD =3.6V
VDD =5.5V
VDD =2.5V
0
1
2
3
4
5
6
7
8
9
10
f − Frequency − Hz
THD=10%@1kHz
20
100
1k
10k
20k
VDD =3.6V
VDD =2.5V
VDD =5.5V
TPA2100P1
SLOS595 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VDD = 3.6 V, Gain = 12 dB, CIN = 1 µF, LBOOST = 4.7 µH, CBOOST = 10 µF, SD = SDa = 3.6 V,
Load = 10
Ω + 1
µF + 22 µH (unless otherwise noted)
TOTAL SUPPLY INPUT POWER
TOTAL SUPPLY CURRENT
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 3.
Figure 4.
OUTPUT VOLTAGE DRIVE
OUTPUT VOLTAGE DRIVE
vs
vs
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2100P1


同様の部品番号 - TPA2100P1YZHT

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

同様の説明 - TPA2100P1YZHT

メーカー部品番号データシート部品情報
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
logo
Asahi Kasei Microsystem...
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com