データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2008 データシート(PDF) 9 Page - Texas Instruments

部品番号 TSC2008
部品情報  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSC2008 データシート(HTML) 9 Page - Texas Instruments

Back Button TSC2008_08 Datasheet HTML 5Page - Texas Instruments TSC2008_08 Datasheet HTML 6Page - Texas Instruments TSC2008_08 Datasheet HTML 7Page - Texas Instruments TSC2008_08 Datasheet HTML 8Page - Texas Instruments TSC2008_08 Datasheet HTML 9Page - Texas Instruments TSC2008_08 Datasheet HTML 10Page - Texas Instruments TSC2008_08 Datasheet HTML 11Page - Texas Instruments TSC2008_08 Datasheet HTML 12Page - Texas Instruments TSC2008_08 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
-40
-20
0
20
40
60
80
100
Temperature( C)
°
2
1
0
-1
-2
VDD=1.8V
-40
-20
0
20
40
60
80
100
T
C)
emperature(°
2
1
0
-1
-2
VDD=1.8V
VDD(V)
1.2
1.6
2.0
2.4
2.8
3.2
11
10
9
8
7
6
5
4
3
3.6
X+
Y+
Y-
X-
-40
-20
0
20
40
60
80
100
Temperature( C)
°
6
5
4
3
2
X+,Y+:VDD=3.0VtoPin
X-
-
,Y :PintoGND
X+
Y+
Y-
X-
-40
-20
0
20
40
60
80
100
Temperature( C)
°
8
7
6
5
4
3
2
X+,Y+:VDD=1.8VtoPin
X-,Y :PintoGND
-
X+
Y+
Y-
X-
-40
-20
0
20
40
60
80
100
Temperature( C)
°
850
800
750
700
650
600
550
500
450
400
VDD=1.8V
95.7mV
TEMP1
MeasurementIncludes
A/DConverterOffset
andGainErrors
136mV
TEMP2
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, VDD = +1.2V to +3.6V, PD1 = PD0 = 0, fSCLK = 10MHz, fADC = fOSC/2 = 2MHz, 12-bit mode,
non-continuous AUX measurement, and MAV filter enabled (see MAV Filter section), unless otherwise noted.
CHANGE IN GAIN
CHANGE IN OFFSET
vs TEMPERATURE
vs TEMPERATURE
Figure 9.
Figure 10.
SWITCH ON-RESISTANCE
SWITCH ON-RESISTANCE
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 11.
Figure 12.
SWITCH ON-RESISTANCE
TEMP DIODE VOLTAGE
vs TEMPERATURE
vs TEMPERATURE
Figure 13.
Figure 14.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TSC2008


同様の部品番号 - TSC2008_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008IRGVR TI-TSC2008IRGVR Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008IRGVT TI-TSC2008IRGVT Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008IYZGR TI-TSC2008IYZGR Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008IYZGT TI-TSC2008IYZGT Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
More results

同様の説明 - TSC2008_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com