データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2008I データシート(PDF) 5 Page - Texas Instruments

部品番号 TSC2008I
部品情報  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSC2008I データシート(HTML) 5 Page - Texas Instruments

  TSC2008I Datasheet HTML 1Page - Texas Instruments TSC2008I Datasheet HTML 2Page - Texas Instruments TSC2008I Datasheet HTML 3Page - Texas Instruments TSC2008I Datasheet HTML 4Page - Texas Instruments TSC2008I Datasheet HTML 5Page - Texas Instruments TSC2008I Datasheet HTML 6Page - Texas Instruments TSC2008I Datasheet HTML 7Page - Texas Instruments TSC2008I Datasheet HTML 8Page - Texas Instruments TSC2008I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
PIN CONFIGURATION
1
2
3
4
NC
NC
PENIRQ
SDO
X
-
Y+
X+
VDD/REF
13
14
15
16
8
7
6
5
TSC2008
ThermalPad
12
11
10
9
C lumns
o
(FRONTVIEW)
A
C
B
D
Y
-
GND
AUX
SCLK
X
-
X+
VDD/REF
3
2
1
PENIRQ
SDO
CS
Y+
SDI
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
RGV PACKAGE(1)(2)
YZG PACKAGE
4 x 4 QFN-16
WCSP-12
(TOP VIEW)
(TOP VIEW, SOLDER BUMPS ON BOTTOM SIDE)
(1)
The thermal pad is internally connected to
the substrate. The thermal pad can be
connected to the analog ground or left
floating. Keep the thermal pad separate
from the digital ground, if possible.
(2)
RGV (QFN) package available Q1, 2009.
PIN ASSIGNMENTS
PIN NO.
PIN
QFN
WCSP
NAME
I/O
A/D
DESCRIPTION
1
NC
No connection
2
B1
SDI
I
D
Serial data input
3
A1
CS
I
D
Chip select
4
A2
SCLK
I
D
Serial clock input
5
A3
VDD/REF
Supply voltage and external reference input
6
B3
X+
I
A
X+ channel input
7
C3
Y+
I
A
Y+ channel input
8
D3
X–
I
A
X– channel input
9
D2
Y–
I
A
Y– channel input
10
B2
GND
Ground
11
NC
No connection
12
C2
AUX
I
A
Auxiliary channel input. If not used, this input should be grounded.
13
NC
No connection
14
NC
No connection
Pen touch interrupt output. Active low when pen is touched. The output remains low until conversion is
15
D1
PENIRQ
O
D
complete or pen touch is released. The rising edge signals the end of conversion (EOC).
16
C1
SDO
O
D
Serial data output
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TSC2008


同様の部品番号 - TSC2008I

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2008IRGVR TI-TSC2008IRGVR Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008IRGVT TI-TSC2008IRGVT Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008IYZGR TI-TSC2008IYZGR Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008IYZGT TI-TSC2008IYZGT Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
More results

同様の説明 - TSC2008I

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com