データシートサーチシステム |
|
TPS71733DRVR データシート(PDF) 5 Page - Texas Instruments |
|
|
TPS71733DRVR データシート(HTML) 5 Page - Texas Instruments |
5 / 28 page PIN CONFIGURATIONS NOTE:(1)N/C=Notconnected. IN N/C (1) EN 6 5 4 OUT NR/FB GND 1 2 3 GND TPS717xxDRV 2mmx2mmSON (TOPVIEW) TPS717xxDCK SC70-5PACKAGE (TOPVIEW) OUT NR/FB IN GND EN IN N/C (1) EN 6 5 4 OUT GND NR/FB 1 2 3 TPS717xxDSE 1.5mmx1.5mmSON (TOPVIEW) 1 2 3 4 5 TPS717xx www.ti.com..................................................................................................................................................... SBVS068E – FEBRUARY 2006 – REVISED MAY 2008 Table 1. PIN DESCRIPTIONS TPS717xx 1.5 ×1.5 SC70 NAME 2 ×2 SON SON (DCK) (DRV) (DSE) DESCRIPTION IN 1 6 6 Input to the device. GND 2 3 2 Ground. Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the EN 3 4 4 regulator into standby mode, thereby reducing operating current. Fixed voltage versions only. An external capacitor connected to this terminal bypasses NR 4 2 3 noise generated by the internal bandgap, lowering output noise. Adjustable voltage version only. The voltage at this pin is fed to the error amplifier. A FB 4 2 3 resistor divider from OUT to FB sets the output voltage when in regulation. This is the regulated output voltage. A small capacitor is needed from this pin to ground OUT 5 1 1 to assure stability; a 1.0 µF ceramic capacitor is adequate. NC – 5 5 Not connected. This pin can be tied to ground to improve thermal dissipation. Copyright © 2006–2008, Texas Instruments Incorporated Submit Documentation Feedback 5 |
同様の部品番号 - TPS71733DRVR |
|
同様の説明 - TPS71733DRVR |