データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G0M2HF12A102 データシート(PDF) 2 Page - Baumer IVO GmbH & Co. KG

部品番号 G0M2HF12A102
部品情報  Absolute encoders - SSI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IVO [Baumer IVO GmbH & Co. KG]
ホームページ  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G0M2HF12A102 データシート(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  G0M2HF12A102 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G0M2HF12A102 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG G0M2HF12A102 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG G0M2HF12A102 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - SSI
www.baumerivo.com
2
G0M2H - SSI
Part number
G0M2H.
Pulses / Incremental output
02 No incremental output
04 2048 pulses / push-pull
06 2048 pulses / RS422
E-connection
A1 Connector M23, 12-pin, radial
A3 Connector M23, 12-pin, radial,
for incremental output 04/06
21 Cable 1 m, radial
Voltage supply / signals
10 10...30 VDC / gray code 25 bit
12 10...30 VDC / binary code 25 bit
20 10...30 VDC / gray code 24 bit
90 10...30 VDC / gray code 26 bit
92 10...30 VDC / binary code 26 bit
Hollow shaft
0 Hollow shaft ø12 mm without pin
1 Hollow shaft ø12 mm with pin 15 mm
B Hollow shaft ø12 mm with pin 9.5 mm
4 Hollow shaft ø14 mm without pin
5 Hollow shaft ø14 mm with pin 15 mm
F Hollow shaft ø14 mm with pin 9.5 mm
Hollow shaft max. ø14 mm
Optical multiturn encoders 14 bit ST / 12 bit MT
Accessories
Connectors and cables (page %S)
Z 130.001
Female connector M23, 12-pin, less cable
Z 130.003
Female connector M23, 12-pin, 2 m cable
Z 130.005
Female connector M23, 12-pin, 5 m cable
Z 130.007
Female connector M23, 12-pin, 10 m cable
Z 182.001
Female connector M23, 12-pin, less cable
(incr.)
Z 182.003
Female connector M23, 12-pin, 2 m (incr.)
Mounting accessories (page %S)
Z 119.023
Spring coupling for encoders with ø58 mm
housing
Z 119.024
Torque support and spring washer for
encoders with 9.5 mm pin
Z 119.041
Torque support by rubber buffer element for
encoders with 15 mm pin
Z 119.050
Spring coupling
Z 119.053
Spring coupling height 19.1 mm
Z 119.070
Spring coupling height 29.1 mm
Z 119.072
Spring coupling for encoders with ø58 mm
housing, hole distance 73 mm
Z 119.073
Spring coupling for encoders with ø58 mm
housing, hole distance 68 mm
Z 119.076
Spring coupling for encoders with ø58 mm
housing
Z 119.082
Spring coupling for encoders with ø58 mm
housing, hole distance 63 mm
tv
bit n bit n-1
tm
bit 3 bit 2
bit 1
T=1/f
clock
data
tp
Clock frequency f
62.5...1500 kHz
Scan ratio of T
40...60 %
Time lag tv
150 ns
Monoflop time tm
25 µs + T/2
Clock interval tp
30 µs
Data transfer
SSI
Circuit
SSI-Clock
Optocoupler
SSI-Data
Linedriver RS485
Control input
Input circuit
Input level High
>0.7 UB
Input level Low
<0.3 UB
Input resistance
10 kΩ
Incremental outputs
Output circuit
Linedriver RS422
Output level High
>2.5 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Push-pull circuit-proof
Output level High
>UB 3.5 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Trigger level


同様の部品番号 - G0M2HF12A102

メーカー部品番号データシート部品情報
logo
Baumer IVO GmbH & Co. K...
G0MMH03P32 IVO-G0MMH03P32 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
G0MMH05P32 IVO-G0MMH05P32 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
G0MMH08P22 IVO-G0MMH08P22 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
G0MMH13P32 IVO-G0MMH13P32 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
G0MMH15P32 IVO-G0MMH15P32 Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
More results

同様の説明 - G0M2HF12A102

メーカー部品番号データシート部品情報
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
GXA2S IVO-GXA2S Datasheet
653Kb / 4P
   Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
   Absolute encoders - SSI
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
   Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
   Absolute encoders - SSI
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
   Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
   Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
GM400 IVO-GM400 Datasheet
774Kb / 6P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com