データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT02 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74HCT02
部品情報  Quad 2-input NOR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT02 データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT02 Datasheet HTML 6Page - NXP Semiconductors 74HCT02 Datasheet HTML 7Page - NXP Semiconductors 74HCT02 Datasheet HTML 8Page - NXP Semiconductors 74HCT02 Datasheet HTML 9Page - NXP Semiconductors 74HCT02 Datasheet HTML 10Page - NXP Semiconductors 74HCT02 Datasheet HTML 11Page - NXP Semiconductors 74HCT02 Datasheet HTML 12Page - NXP Semiconductors 74HCT02 Datasheet HTML 13Page - NXP Semiconductors 74HCT02 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74HC_HCT02_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 September 2008
10 of 15
NXP Semiconductors
74HC02; 74HCT02
Quad 2-input NOR gate
Fig 10. Package outline SOT337-1 (SSOP14)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.25
0.38
0.25
0.20
0.09
6.4
6.0
5.4
5.2
0.65
1.25
0.2
7.9
7.6
1.03
0.63
0.9
0.7
1.4
0.9
8
0
o
o
0.13
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT337-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
7
14
8
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
MO-150
pin 1 index
0
2.5
5 mm
scale
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
A
max.
2


同様の部品番号 - 74HCT02

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT02 PHILIPS-74HCT02 Datasheet
28Kb / 5P
   Quad 2-input NOR gate
December 1990
logo
Nexperia B.V. All right...
74HCT02 NEXPERIA-74HCT02 Datasheet
265Kb / 14P
   Quad 2-input NOR gate
Rev. 8 - 9 February 2023
logo
NXP Semiconductors
74HCT02BQ NXP-74HCT02BQ Datasheet
132Kb / 16P
   Quad 2-input NOR gate
Rev. 4-4 September 2012
74HCT02BQ NXP-74HCT02BQ Datasheet
132Kb / 1P
   Quad 2-input NOR gate
Rev. 4-4 September 2012
logo
Nexperia B.V. All right...
74HCT02BQ NEXPERIA-74HCT02BQ Datasheet
265Kb / 14P
   Quad 2-input NOR gate
Rev. 8 - 9 February 2023
More results

同様の説明 - 74HCT02

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com