データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVT16244BBQ データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74LVT16244BBQ
部品情報  3.3 V 16-bit buffer/driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT16244BBQ データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74LVT16244BBQ Datasheet HTML 4Page - NXP Semiconductors 74LVT16244BBQ Datasheet HTML 5Page - NXP Semiconductors 74LVT16244BBQ Datasheet HTML 6Page - NXP Semiconductors 74LVT16244BBQ Datasheet HTML 7Page - NXP Semiconductors 74LVT16244BBQ Datasheet HTML 8Page - NXP Semiconductors 74LVT16244BBQ Datasheet HTML 9Page - NXP Semiconductors 74LVT16244BBQ Datasheet HTML 10Page - NXP Semiconductors 74LVT16244BBQ Datasheet HTML 11Page - NXP Semiconductors 74LVT16244BBQ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74LVT_LVTH16244B_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 13 November 2008
8 of 17
NXP Semiconductors
74LVT16244B; 74LVTH16244B
3.3 V 16-bit buffer/driver; 3-state
[1]
Typical values are measured at VCC = 3.3 V and at Tamb = 25 °C.
[2]
Unused pins at VCC or GND.
[3]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[4]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.3 V ± 0.3 V
a transition time of 100
µs is permitted. This parameter is valid for T
amb = 25 °C only.
[5]
ICC is measured with outputs pulled to VCC or GND.
[6]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
10. Dynamic characteristics
[1]
Typical values are measured at VCC = 3.3 V and Tamb = 25 °C.
ICC
supply current
VCC = 3.6 V; VI = GND or VCC; IO =0A
output HIGH
-
0.07
0.12
mA
output LOW
-
4.0
6.0
mA
outputs disabled
[5] -
0.07
0.12
mA
∆ICC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V; one input
at VCC − 0.6 V other inputs at VCC or GND
[6] -
0.1
0.2
mA
CI
input capacitance
VI = 0 V or 3.0 V
-
3
-
pF
CO
output capacitance
outputs disabled; VO = 0 V or 3.0 V
-
9
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
tPLH
LOW-to-HIGH
propagation delay
nAn to nYn; see Figure 6
VCC = 2.7 V
-
-
4.0
ns
VCC = 3.0 V to 3.6 V
0.5
1.8
3.2
ns
tPHL
HIGH-to-LOW
propagation delay
nAn to nYn; see Figure 6
VCC = 2.7 V
-
-
4.0
ns
VCC = 3.0 V to 3.6 V
0.5
1.7
3.2
ns
tPZH
OFF-state to HIGH
propagation delay
nOE to nYn; see Figure 7
VCC = 2.7 V
-
-
5.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.3
4.0
ns
tPZL
OFF-state to LOW
propagation delay
nOE to nYn; see Figure 7
VCC = 2.7 V
-
-
5.3
ns
VCC = 3.0 V to 3.6 V
1.0
2.1
4.0
ns
tPHZ
HIGH to OFF-state
propagation delay
nOE to nYn; see Figure 7
VCC = 2.7 V
-
-
5.0
ns
VCC = 3.0 V to 3.6 V
1.0
3.2
4.5
ns
tPLZ
LOW to OFF-state
propagation delay
nOE to nYn; see Figure 7
VCC = 2.7 V
-
-
4.4
ns
VCC = 3.0 V to 3.6 V
1.0
2.9
4.0
ns


同様の部品番号 - 74LVT16244BBQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVT16244BBQ NXP-74LVT16244BBQ Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
More results

同様の説明 - 74LVT16244BBQ

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com