データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4245-DQZ データシート(PDF) 9 Page - Cirrus Logic

部品番号 CS4245-DQZ
部品情報  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245-DQZ データシート(HTML) 9 Page - Cirrus Logic

Back Button CS4245-DQZ Datasheet HTML 5Page - Cirrus Logic CS4245-DQZ Datasheet HTML 6Page - Cirrus Logic CS4245-DQZ Datasheet HTML 7Page - Cirrus Logic CS4245-DQZ Datasheet HTML 8Page - Cirrus Logic CS4245-DQZ Datasheet HTML 9Page - Cirrus Logic CS4245-DQZ Datasheet HTML 10Page - Cirrus Logic CS4245-DQZ Datasheet HTML 11Page - Cirrus Logic CS4245-DQZ Datasheet HTML 12Page - Cirrus Logic CS4245-DQZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
DS656F2
9
CS4245
2. CHARACTERISTICS AND SPECIFICATIONS
SPECIFIED OPERATING CONDITIONS
AGND = DGND = 0 V; All voltages with respect to ground.
Notes: 1. Maximum of VA+0.25 V or 5.25 V, whichever is less.
ABSOLUTE MAXIMUM RATINGS
AGND = DGND = 0 V All voltages with respect to ground. (Note 2)
2. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
3. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supplies:
Analog
Digital
Logic - Serial Port
Logic - Control Port
VA
VD
VLS
VLC
3.13
3.13
1.71
1.71
5.0
3.3
3.3
3.3
5.25
(Note 1)
5.25
5.25
V
V
V
V
Ambient Operating Temperature (Power Applied)
Commercial
Automotive
TA
TA
-10
-40
-
-
+70
+105
°C
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Analog
Digital
Logic - Serial Port
Logic - Control Port
VA
VD
VLS
VLC
-0.3
-0.3
-0.3
-0.3
+6.0
+6.0
+6.0
+6.0
V
V
V
V
Input Current
(Note 3)
Iin
-
±10
mA
Analog Input Voltage
VINA
AGND-0.3
VA+0.3
V
Digital Input Voltage
Logic - Serial Port
Logic - Control Port
VIND-S
VIND-C
-0.3
-0.3
VLS+0.3
VLC+0.3
V
V
Ambient Operating Temperature (Power Applied)
TA
-50
+125
°C
Storage Temperature
Tstg
-65
+150
°C


同様の部品番号 - CS4245-DQZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4245-CQZ CIRRUS-CS4245-CQZ Datasheet
1Mb / 54P
   105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
More results

同様の説明 - CS4245-DQZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com