データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4350-DZZ データシート(PDF) 6 Page - Cirrus Logic

部品番号 CS4350-DZZ
部品情報  192 kHz Stereo DAC with Integrated PLL
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350-DZZ データシート(HTML) 6 Page - Cirrus Logic

Back Button CS4350-DZZ Datasheet HTML 2Page - Cirrus Logic CS4350-DZZ Datasheet HTML 3Page - Cirrus Logic CS4350-DZZ Datasheet HTML 4Page - Cirrus Logic CS4350-DZZ Datasheet HTML 5Page - Cirrus Logic CS4350-DZZ Datasheet HTML 6Page - Cirrus Logic CS4350-DZZ Datasheet HTML 7Page - Cirrus Logic CS4350-DZZ Datasheet HTML 8Page - Cirrus Logic CS4350-DZZ Datasheet HTML 9Page - Cirrus Logic CS4350-DZZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
DS691F1
CS4350
1. PIN DESCRIPTION
Pin Name
#
Pin Description
VLC
5
Control Interface Power (Input) - Positive power for the hardware/software control interface
VD_FILT
6
Regulator Voltage (Output) - Filter connection for internal voltage regulator
GND
7, 19 Ground (Input) - Ground reference
RMCK
8
Recovered Master Clock (Output) - Outputs a master clock derived from LRCK
VLS
9
Serial Audio Interface Power (Input) - Positive power for the serial audio interface
SCLK
10
Serial Clock (Input) - Serial bit-clock for the serial audio interface
SDIN
11
Serial Audio Data Input (Input) - Input for two’s complement serial audio data
LRCK
12
Left/Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line
TSTO
13
Test Output - These pins need to be floating and not connected to any trace or plane.
AOUTA+,-
AOUTB+,-
14, 15,
22, 23
Differential Analog Outputs (Output) - The full scale differential output level is specified in “DAC Ana-
log Characteristics - Commercial (-CZZ)” on page 9.
AMUTEC
BMUTEC
16, 21 Mute Control (Output) - Control signals for optional mute circuit.
VBIAS
17
Positive Voltage Reference (Output) - Positive reference voltage for the internal DAC
VA
18
Analog Power (Input) - Positive power supply for the analog section
VQ
20
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage
DIF2(AD1/CDOUT)
RST
DEM(AD0/CS)AOUTB-
DIF0(SDA/CDIN)
AOUTB+
DIF1(SCL/CCLK)
BMUTEC
VLC
VQ
VD_FILT
GND
GND
VA
RMCK
VBIAS+
VLS
AMUTEC
SCLK
AOUTA+
SDIN
AOUTA-
LRCK
TSTO
2
3
4
5
6
7
8
17
18
19
20
21
22
23
9
10
11
12
13
14
15
16
24
1


同様の部品番号 - CS4350-DZZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
More results

同様の説明 - CS4350-DZZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
logo
Analog Devices
AD1934 AD-AD1934 Datasheet
527Kb / 28P
   8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
logo
Cirrus Logic
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com