データシートサーチシステム |
|
CS4412A データシート(PDF) 3 Page - Cirrus Logic |
|
CS4412A データシート(HTML) 3 Page - Cirrus Logic |
3 / 24 page DS786A2 3 CS4412A 1. PIN DESCRIPTION Pin Name Pin # Pin Description CNFG0 CNFG1 CNFG2 1 2 3 Out Configuration Select (Input) - Used to set the PWM output configuration mode. See “Output Mode Configuration” on page 15. IN1 IN2 IN3 IN4 4 5 6 7 PWM Input (Input) - Logic-level switching inputs from a PWM modulator. RST12 RST34 8 46 Reset Input (Input) - Reset inputs for channels 1/2 and 3/4, respectively. Active low. LVD 9 VD Voltage Level Indicator (Input) - Identifies the voltage level attached to VD. When applying 5.0 V to VD, LVD must be connected to VD. When applying 2.5 V or 3.3 V to VD, LVD must be GND. VD_REG 11 Core Digital Power (Output) - Internally generated low voltage power supply for digital logic. VD 12 Digital Power (Input) - Positive power supply for the internal regulators and digital I/O. OCREF 21 Over-current Reference (Input) - Sets over-current trigger level. Connect pin through a resistor to GND. See “Device Protection and Error Reporting” on page 19. This pin should not be left float- ing. Top-Down (Through Package) View 48-Pin QFN Package 12 7 6 5 4 3 2 1 11 10 9 8 25 30 31 32 33 34 35 36 26 27 28 29 14 13 15 16 17 18 19 20 21 22 23 24 47 48 46 45 44 43 42 41 40 39 38 37 CNFG0 CNFG1 CNFG2 IN1 IN2 RST12 VP OUT1 PGND PGND OUT2 VP VP OUT3 LVD VD_REG VD PGND PGND OUT4 VP IN3 IN4 GND Thermal Pad |
同様の部品番号 - CS4412A_08 |
|
同様の説明 - CS4412A_08 |