データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4412A-CNZR データシート(PDF) 4 Page - Cirrus Logic

部品番号 CS4412A-CNZR
部品情報  30 W Quad Half-Bridge Digital Amplifier Power Stage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A-CNZR データシート(HTML) 4 Page - Cirrus Logic

  CS4412A-CNZR Datasheet HTML 1Page - Cirrus Logic CS4412A-CNZR Datasheet HTML 2Page - Cirrus Logic CS4412A-CNZR Datasheet HTML 3Page - Cirrus Logic CS4412A-CNZR Datasheet HTML 4Page - Cirrus Logic CS4412A-CNZR Datasheet HTML 5Page - Cirrus Logic CS4412A-CNZR Datasheet HTML 6Page - Cirrus Logic CS4412A-CNZR Datasheet HTML 7Page - Cirrus Logic CS4412A-CNZR Datasheet HTML 8Page - Cirrus Logic CS4412A-CNZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
DS786A2
CS4412A
RAMP_CAP
24
Output Ramp Capacitor (Input) - Used by the PWM PopGuard Transient Control to suppress the
initial pop in half-bridge-configured outputs.
GND
10,13
14,15
16,17
18,19
20,47
48
Ground (Input) - Ground for the internal logic and I/O. These pins should be connected to the
common system ground.
VP
25,30
31,36
High Voltage Output Power (Input) - High voltage power supply for the individual output power
half-bridge devices.
PGND
22,23
27,28
33,34
37,38
39,40
Power Ground (Input) - Ground for the individual output power half-bridge devices. These pins
should be connected to the common system ground.
OUT4
OUT3
OUT2
OUT1
26
29
32
35
PWM Output (Output) - Amplified PWM power outputs.
TWR
41
Thermal Warning Output (Output) - Thermal warning output. Open drain, active low. See
“Device Protection and Error Reporting” on page 19.
ERRUVTE
42
Thermal and Under-voltage Error Output (Output) - Error flag for thermal shutdown and under-
voltage. Open drain, active low. See “Device Protection and Error Reporting” on page 19
ERROC12
ERROC34
43
44
Over-current Error Output (Output) - Over-current error flag for the associated outputs. Open
drain, active low. See “Device Protection and Error Reporting” on page 19.
RAMP
45
Ramp-up/down Select (Input) - Set high to enable ramping. When set low, ramping is disabled.
See “PWM Popguard Transient Control” on page 13.
Thermal Pad
-
Thermal Pad - Thermal relief pad for optimized heat dissipation. See “QFN Thermal Pad” on
page 20 for more information.
Pin Name
Pin #
Pin Description


同様の部品番号 - CS4412A-CNZR

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4412A-CNZR CIRRUS-CS4412A-CNZR Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
More results

同様の説明 - CS4412A-CNZR

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412 CIRRUS-CS4412 Datasheet
336Kb / 22P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS44130 CIRRUS-CS44130 Datasheet
349Kb / 23P
   60 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_15 Datasheet
768Kb / 25P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com