データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5340 データシート(PDF) 10 Page - Cirrus Logic

部品番号 CS5340
部品情報  101 dB, 192 kHz, Multi-Bit Audio A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5340 データシート(HTML) 10 Page - Cirrus Logic

Back Button CS5340_08 Datasheet HTML 6Page - Cirrus Logic CS5340_08 Datasheet HTML 7Page - Cirrus Logic CS5340_08 Datasheet HTML 8Page - Cirrus Logic CS5340_08 Datasheet HTML 9Page - Cirrus Logic CS5340_08 Datasheet HTML 10Page - Cirrus Logic CS5340_08 Datasheet HTML 11Page - Cirrus Logic CS5340_08 Datasheet HTML 12Page - Cirrus Logic CS5340_08 Datasheet HTML 13Page - Cirrus Logic CS5340_08 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
DS601F2
CS5340
Confidential Draft
3/11/08
DC ELECTRICAL CHARACTERISTICS
(GND = 0 V, all voltages with respect to 0 V. MCLK=12.288 MHz; Master Mode)
9.
Power Down Mode is defined as RST = Low, with all clocks and data lines held static at a valid logic
levels.
10. Valid with the recommended capacitor values on FILT+ and VQ as shown in the Typical Connection
Diagram, Figure 17 on page 14.
DIGITAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies:
Positive Analog
Positive Digital
Positive Logic
VA
VD
VL
3.1
3.1
1.7
-
-
-
5.25
5.25
5.25
V
V
V
Power Supply Current
VA = 5 V
(Normal Operation)
VA = 3.3 V
VL,VD = 5 V
VL,VD = 3.3 V
IA
IA
ID
ID
-
-
-
-
21
18.2
15
9
25.5
22.5
18.5
10
mA
mA
mA
mA
Power Supply Current
VA = 5 V
(Power-Down Mode) (Note 9)
VL,VD=5 V
IA
ID
-
-
1.5
0.4
-
-
mA
mA
Power Consumption
VL, VD, VA = 5 V
(Normal Operation)
VL, VD, VA = 3.3 V
(Power-Down Mode)
-
-
-
-
-
-
180
90
9.5
220
107.2
-
mW
mW
mW
Power Supply Rejection Ratio (1 kHz)
(Note 10)
PSRR
-
65
-
dB
VQ Nominal Voltage
Output Impedance
-
-
VA
÷2
25
-
-
V
k
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
VA
36
0.01
-
-
-
V
k
mA
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(% of VL)
VIH
70%
-
-
V
Low-Level Input Voltage
(% of VL)
VIL
--
30%
V
High-Level Output Voltage at Io = 100 µA(% of VL)
VOH
70%
-
-
V
Low-Level Output Voltage at Io =100 µA(% of VL)
VOL
--
15%
V
Input Leakage Current
Iin
-10
-
+10
µA


同様の部品番号 - CS5340_08

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS5340 CIRRUS-CS5340_06 Datasheet
430Kb / 22P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
More results

同様の説明 - CS5340_08

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
   105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
   108 dB, 192 kHz, Multi-bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com