データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDB5346 データシート(PDF) 11 Page - Cirrus Logic

部品番号 CDB5346
部品情報  103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5346 データシート(HTML) 11 Page - Cirrus Logic

Back Button CDB5346 Datasheet HTML 7Page - Cirrus Logic CDB5346 Datasheet HTML 8Page - Cirrus Logic CDB5346 Datasheet HTML 9Page - Cirrus Logic CDB5346 Datasheet HTML 10Page - Cirrus Logic CDB5346 Datasheet HTML 11Page - Cirrus Logic CDB5346 Datasheet HTML 12Page - Cirrus Logic CDB5346 Datasheet HTML 13Page - Cirrus Logic CDB5346 Datasheet HTML 14Page - Cirrus Logic CDB5346 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
DS861PP1
11
CS5346
ANALOG CHARACTERISTICS (AUTOMOTIVE)
Test conditions (unless otherwise specified): VA = 5.0 V +/- 5%; VD = VLS = VLC = 3.3 V +/- 5%;
AGND = DGND = 0 V; TA = -40° to +85° C; Input test signal: 1 kHz sine wave; measurement bandwidth is 10 Hz to
20 kHz; Fs = 48/96/192 kHz; PGA gain = 0 dB; All connections as shown in Figure 7 on page 20.
7.
Valid for Double- and Quad-Speed Modes only.
8.
Referred to the typical A/D full-scale input voltage
9.
Valid when the microphone-level inputs are selected.
Parameter
Symbol
Min
Typ
Max
Unit
Analog-to-Digital Converter Characteristics
Dynamic Range (Line Level Inputs)
A-weighted
unweighted
(Note 3)
40 kHz bandwidth unweighted
95
92
-
103
100
98
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise (Line Level Inputs)
(Note 4)
-1 dB
-20 dB
-60 dB
(Note 3)
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-95
-80
-40
-92
-87
-
-
-
dB
dB
dB
dB
Dynamic Range (Mic Level Inputs)
A-weighted
(Note 3)
unweighted
75
72
83
80
-
-
dB
dB
Total Harmonic Distortion + Noise (Mic Level Inputs)
(Note 4)
-1 dB
-20 dB
(Note 3)
-60 dB
THD+N
-
-
-
-80
-60
-20
-72
-
-
dB
dB
dB
Interchannel Isolation
(Line Level Inputs)
(Mic Level Inputs)
-
-
90
80
-
-
dB
dB
A/D Full-scale Input Voltage
0.51*VA 0.57*VA 0.63*VA
Vpp
Gain Error
--
±10
%
Interchannel Gain Mismatch
-
0.1
-
dB
Microphone - Level Input Characteristics
Preamplifier Gain
31
35.48
32
40
33
44.67
dB
V/V
Interchannel Gain Mismatch
-
0.1
-
dB
Input Impedance
(Note 5)
-60-
k


同様の部品番号 - CDB5346

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CDB5340 CIRRUS-CDB5340 Datasheet
600Kb / 14P
   The CDB5340 evaluation board is an excellent means for quickly evaluating the CS5340 24-bit, stereo A/D converter.
CDB5340 CIRRUS-CDB5340 Datasheet
430Kb / 22P
   101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
CDB5340 CIRRUS-CDB5340 Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CDB5341 CIRRUS-CDB5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CDB5341 CIRRUS-CDB5341 Datasheet
403Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results

同様の説明 - CDB5346

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS5345 CIRRUS-CS5345 Datasheet
697Kb / 39P
   105 DB 24BIT 192 KHZ STEREO AUDIO ADC
CS5345 CIRRUS-CS5345_07 Datasheet
835Kb / 41P
   104 dB, 24-Bit, 192 kHz Stereo Audio ADC
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com