データシートサーチシステム |
|
CS5464 データシート(PDF) 11 Page - Cirrus Logic |
|
CS5464 データシート(HTML) 11 Page - Cirrus Logic |
11 / 46 page CS5464 DS682F1 11 SWITCHING CHARACTERISTICS • Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions. • Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C. • VA+ = 5 V ±5% VD+ = 3.3 V ±5% or 5 V ±5%; AGND = DGND = 0 V. All voltages with respect to 0 V. • Logic Levels: Logic 0 = 0 V, Logic 1 = VD+. Notes: 17. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF. 18. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external clock source. Parameter Symbol Min Typ Max Unit Rise Times (Note 17) Any Digital Output trise - - - 50 1.0 - µs ns Fall Times (Note 17) Any Digital Output tfall - - - 50 1.0 - µs ns Start-up Oscillator Start-up Time XTAL = 4.096 MHz (Note 11) tost -60- ms Serial Port Timing Serial Clock Frequency SCLK - - 2 MHz Serial Clock Pulse Width High Pulse Width Low t1 t2 200 200 - - - - ns ns SDI Timing CS Falling to SCLK Rising t3 50 - - ns Data Set-up Time Prior to SCLK Rising t4 50 - - ns Data Hold Time After SCLK Rising t5 100 - - ns SDO Timing CS Falling to SDO Driving t6 -20 50 ns SCLK Falling to New Data Bit (hold time) t7 -20 50 ns CS Rising to SDO Hi-Z t8 -20 50 ns E2PROM mode Timing Serial Clock Pulse Width Low Pulse Width High t9 t10 8 8 DCLK DCLK MODE setup time to RESET Rising t11 50 ns RESET rising to CS falling t12 48 DCLK CS falling to SCLK rising t13 100 8 DCLK SCLK falling to CS rising t14 16 DCLK CS rising to driving MODE low t15 50 ns SDO setup time to SCLK rising t16 100 ns |
同様の部品番号 - CS5464_07 |
|
同様の説明 - CS5464_07 |