データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT89C2051-24PU データシート(PDF) 11 Page - ATMEL Corporation

部品番号 AT89C2051-24PU
部品情報  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-24PU データシート(HTML) 11 Page - ATMEL Corporation

Back Button AT89C2051-24PU Datasheet HTML 7Page - ATMEL Corporation AT89C2051-24PU Datasheet HTML 8Page - ATMEL Corporation AT89C2051-24PU Datasheet HTML 9Page - ATMEL Corporation AT89C2051-24PU Datasheet HTML 10Page - ATMEL Corporation AT89C2051-24PU Datasheet HTML 11Page - ATMEL Corporation AT89C2051-24PU Datasheet HTML 12Page - ATMEL Corporation AT89C2051-24PU Datasheet HTML 13Page - ATMEL Corporation AT89C2051-24PU Datasheet HTML 14Page - ATMEL Corporation AT89C2051-24PU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
0368H–MICRO–6/08
AT89C2051
Note:
1.
Only used in 12-volt programming mode.
15. Flash Programming and Verification Waveforms
14. Flash Programming and Verification Characteristics
T
A = 0°C to 70°C, VCC = 5.0 ± 10%
Symbol
Parameter
Min
Max
Units
V
PP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
250
µA
t
DVGL
Data Setup to PROG Low
1.0
µs
tGHDX
Data Hold after PROG
1.0
µs
tEHSH
P3.4 (ENABLE) High to VPP
1.0
µs
t
SHGL
V
PP Setup to PROG Low
10
µs
tGHSL
VPP Hold after PROG
10
µs
tGLGH
PROG Width
1
110
µs
t
ELQV
ENABLE Low to Data Valid
1.0
µs
tEHQZ
Data Float after ENABLE
01.0
µs
tGHBL
PROG High to BUSY Low
50
ns
t
WC
Byte Write Cycle Time
2.0
ms
tBHIH
RDY/BSY\ to Increment Clock Delay
1.0
µs
tIHIL
Increment Clock High
200
ns


同様の部品番号 - AT89C2051-24PU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT89C2051-24PU ATMEL-AT89C2051-24PU Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
More results

同様の説明 - AT89C2051-24PU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com