データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML2722DH データシート(PDF) 4 Page - Micro Linear Corporation

部品番号 ML2722DH
部品情報  900MHz Low-IF 1.5Mbps FSK Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRO-LINEAR [Micro Linear Corporation]
ホームページ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722DH データシート(HTML) 4 Page - Micro Linear Corporation

  ML2722DH Datasheet HTML 1Page - Micro Linear Corporation ML2722DH Datasheet HTML 2Page - Micro Linear Corporation ML2722DH Datasheet HTML 3Page - Micro Linear Corporation ML2722DH Datasheet HTML 4Page - Micro Linear Corporation ML2722DH Datasheet HTML 5Page - Micro Linear Corporation ML2722DH Datasheet HTML 6Page - Micro Linear Corporation ML2722DH Datasheet HTML 7Page - Micro Linear Corporation ML2722DH Datasheet HTML 8Page - Micro Linear Corporation ML2722DH Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ML2722
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005 4
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied.
VDD, VCC5 ................................................................................................................................................................. 6.0V
VSS, GND ............................................................................................................................................................. 0 ± 0.3V
Junction Temperature............................................................................................................................................... 150°C
Storage Temperature Range ...................................................................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10s).......................................................................................................................... 260°C
OPERATING CONDITIONS
Normal Temperature Range ......................................................................................................................... -10°C to 60°C
VCC5 Range ...................................................................................................................................................2.7V to 4.5V
Thermal Resistance (
θJA).....................................................................................................................................100°C/W
VDD Range (VCC5 ≥ VDD).............................................................................................................................2.7V to 4.5V
Unless otherwise specified, VCC5 & VDD = 2.7V to 3.8V, TA = Operating Temperature Range (Note 1) 6.144 or
12.288MHz reference frequency input
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER CONSUMPTION
ISTBY
All Circuits, Standby Mode
10
100
μA
IRX, ITX
Receive or Transmit Mode
TA = 25°C, VCC5 & VDD = 3.3V
30
50
63.5
mA
IRX, ITX
Receive or Transmit Mode
TA = Operating Temperature Range
20
50
70
mA
SYNTHESIZER
fC
LO output frequency
In 512kHz steps
902
928
MHz
ΦN
Phase noise at driver output
1.2MHz
3MHz
>7MHz
VCO phase locked, loop bandwidth
50kHz. Discontinuities, other than
reference spurs, not allowed.
-100
-120
-125
dBc/Hz
fREF
LO PLL reference frequency at
phase detector
PLL main divider input is at 1.83GHz
1.024
MHz
N
LO division range integer
PLL divider limits
1024
4093
Count
IP
LO charge pump sink/source
current
5.5
mA
tTX2RX
LO lock up time for
Transmit/Receive frequency
change
From RXON asserted
50
μs
tFH
LO lock up time for channel
switch
From EN asserted, any channel
change in 902 to 928MHz band
100
μs
tWAKE
LO lock up time from sleep
From XCEN, PLL dividers
programmed
240
μs
VFREF
Reference signal input level
6.144 or 12.288MHz sine wave,
capacitively coupled
2.0
3.0
Vp-p


同様の部品番号 - ML2722DH

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

同様の説明 - ML2722DH

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
   900MHz HumDTTM Series Transceiver
2015
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
List of Unclassifed Man...
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com