データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29015IROZ-EVALZ データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL29015IROZ-EVALZ
部品情報  Integrated Digital Ambient Light Sensor and Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29015IROZ-EVALZ データシート(HTML) 2 Page - Intersil Corporation

  ISL29015IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29015IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6522.0
October 31, 2008
Block Diagram
Ordering Information
PART NUMBER
(Note)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL29015IROZ-T7*
-40 to +85
6 Ld ODFN
L6.2x2.1
ISL29015IROZ-EVALZ
Evaluation Board
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and
NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VDD
Positive supply: 2.25V to 3.3V.
2
GND
Ground pin.
3
REXT
External resistor pin setting the internal reference current and the conversion time. 499k
Ω with 1%
tolerance resistor is recommended.
4SCL
I2C serial clock line
The I2C bus lines can be pulled from 1.7V to above VDD, 3.63V max.
5SDA
I2C serial data line
6
IRDR
IR LED driver pin connecting to the anode of the external IR LED. The source current of the IR LED driver
can be programmed through I2C.
Exposed pad connected to ground or electrically isolated.
VDD
REXT
GND
SDA
SCL
COMMAND
REGISTER
DATA
REGISTER
I2C
IR PHOTODIODE
LIGHT DATA
32
1
FOSC
IRDR
IR DRIVER
ISL29015
ARRAY
PHOTODIODE
PROCESS
ALS AND IR
ARRAY
INTEGRATION
ADC
IREF
6
5
4
ISL29015


同様の部品番号 - ISL29015IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29015IROZ-EVALZ RENESAS-ISL29015IROZ-EVALZ Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
More results

同様の説明 - ISL29015IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9950 AVAGO-APDS-9950 Datasheet
796Kb / 23P
   Digital Proximity, RGB and Ambient Light Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com