データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54061 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL54061
部品情報  1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54061 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL54061 Datasheet HTML 6Page - Intersil Corporation ISL54061 Datasheet HTML 7Page - Intersil Corporation ISL54061 Datasheet HTML 8Page - Intersil Corporation ISL54061 Datasheet HTML 9Page - Intersil Corporation ISL54061 Datasheet HTML 10Page - Intersil Corporation ISL54061 Datasheet HTML 11Page - Intersil Corporation ISL54061 Datasheet HTML 12Page - Intersil Corporation ISL54061 Datasheet HTML 13Page - Intersil Corporation ISL54061 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6580.0
December 19, 2008
Power-Supply Considerations
The ISL54060 and ISL54061 construction is typical of most
single supply CMOS analog switches, in that they have two
supply pins: V+ and GND. V+ and GND drive the internal
CMOS switches and set their analog voltage limits. Unlike
switches with a 5.5V maximum supply voltage, the ISL54060
and ISL54061 have a 6.5V maximum supply voltage
providing plenty of head room for the 10% tolerance of 5.5V
supplies due to overshoot and noise spikes.
The minimum recommended supply voltage is 1.8V. It is
important to note that the input signal range, switching times,
and ON-resistance degrade at lower supply voltages. Refer
to the “Electrical Specifications” tables, beginning on page 4,
and “Typical Performance Curves”, beginning on page 11,
for details.
V+ and GND also power the internal logic and level shiftiers.
The level shiftiers convert the input logic levels to V+ and
GND signals levels to drive the analog switch gate terminals.
A high frequency decoupling capacitor placed as close to the
V+ and GND pin as possible is recommended for proper
operation of the switch. A value of 0.1µF is highly
recommended.
Negative Signal Capability
The ISL54060 and ISL54061 contains circuitry that allows
the analog input signal to swing below ground. The device
has an analog signal range of 6.5V below V+ up to the V+
rail (see Figure 13) while maintaining low rON performance.
For example, if V+ = 5V, then the analog input signal range is
from -1.5V to +5V. If V+ = 2.7V then the range is from -3.8V
to +2.7V.
Logic-Level Thresholds
This switch family is 1.8V CMOS compatible (0.45V VOLMAX
and 1.35V VOHMIN) over a supply range of 1.8V to 3.3V
(see Figure 15). At 3.3V the VIL level is 0.5V maximum. This
is still below the 1.8V CMOS guaranteed low output
maximum level of 0.45V, but noise margin is reduced. At
3.3V the VIH level is 1.4V minimum. While this is above the
1.8V CMOS guaranteed high output minimum of 1.35V
under most operating conditions the switch will recognize
this as a valid logic high.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving
the digital input signals from GND to V+ with a fast transition
time minimizes power dissipation. The ISL54060, ISL54061
has been designed to minimize the supply current whenever
the digital input voltage is not driven to the supply rails (0V to
V+). For example driving the device with 2.85V logic high
while operating with a 4.2V supply the device draws only
1µA of current.
High-Frequency Performance
In 50
Ω systems, the ISL54060, ISL54061 has an ON switch
-3dB bandwidth of 35MHz (see Figure 18). The frequency
response is very consistent over a wide V+ range, and for
varying analog signal levels.
An OFF switch acts like a capacitor across the open
terminals and AC couples higher frequencies, resulting in
signal feed-through from a switch’s input to its output.
Off-Isolation is the resistance to this feed-through. Crosstalk
indicates the amount of feed-through from one switch
channel to another switch channel. Figure 19 details the high
Off-Isolation and Crosstalk rejection provided by this part. At
100kHz, Off-Isolation is about 60dB in 50
Ω systems,
decreasing approximately 20dB per decade as frequency
increases. At 1MHz, Crosstalk is about -75dB in 50
Ω
systems, decreasing approximately 20dB per decade as
frequency increases.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin, V+ and GND. One of these
diodes conducts if any analog signal exceeds the
recommended analog signal range.
Virtually all the analog switch leakage current comes from
the ESD diodes and reversed biased junctions in the switch
cell. Although the ESD diodes on a given signal pin are
identical and therefore fairly well balanced, they are reverse
biased differently. Each is biased to either the +Ring or -Ring
and the analog input signal. This means their leakages will
vary as the signal varies. The difference in the two diode
leakages to the +Ring or -Ring and the reverse biased
junctions at the internal switch cell constitutes the
analog-signal-path leakage current.
ISL54060, ISL54061


同様の部品番号 - ISL54061

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54061 INTERSIL-ISL54061 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54061 INTERSIL-ISL54061 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54061 INTERSIL-ISL54061 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54061 RENESAS-ISL54061 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54061 INTERSIL-ISL54061 Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
More results

同様の説明 - ISL54061

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54066 INTERSIL-ISL54066 Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com