データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54059IRUZ-T データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL54059IRUZ-T
部品情報  1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54059IRUZ-T データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL54059IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54059IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54059IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54059IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54059IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54059IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54059IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54059IRUZ-T Datasheet HTML 13Page - Intersil Corporation ISL54059IRUZ-T Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6579.0
December 19, 2008
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 9. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 14. ANALOG SIGNAL RANGE vs SUPPLY VOLTAGE
VCOM (V)
0
12
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-1
-2
-3
-4
-5
-6
ICOM = 100mA
V+ = 1.8V
V+ = 2.7V
V+ = 4.5V
0
0.30
VCOM (V)
0.35
0.40
0.45
0.50
0.60
0.65
0.70
0.75
0.80
0.85
0.95
0.90
1.00
0.55
-3
-2
-1
12
345
ICOM = 100mA
V+ = 4.5V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0
0.30
0.35
0.40
0.45
0.50
0.60
0.65
0.70
0.75
0.80
0.85
0.95
0.90
0.55
-3
-2
-1
12345
1.00
ICOM = 100mA
V+ = 4.3V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0
1.05
0.35
0.45
0.65
0.75
0.85
0.95
0.55
-3
-2
-1
1
2
3
4
-5
-4
1.15
1.25
ICOM = 100mA
V+ = 2.7V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
-3
-2
-1
1
2
3
6-5
-4
ICOM = 100mA
V+ = 1.8V
T = +85°C
T = -40°C
T = +25°C
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
1.52.0
2.53.0
3.5
4.0
4.55.0
5.5
6.0
SUPPLY VOLTAGE (V)
SIGNAL MAX
SIGNAL MIN
ISL54059


同様の部品番号 - ISL54059IRUZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54059IRUZ-T INTERSIL-ISL54059IRUZ-T Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059IRUZ-T INTERSIL-ISL54059IRUZ-T Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRUZ-T INTERSIL-ISL54059IRUZ-T Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
logo
Renesas Technology Corp
ISL54059IRUZ-T RENESAS-ISL54059IRUZ-T Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
More results

同様の説明 - ISL54059IRUZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060 Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
logo
Texas Instruments
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
logo
Pericom Semiconductor C...
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
   Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
Intersil Corporation
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com