データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54220IUZ データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL54220IUZ
部品情報  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54220IUZ データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL54220IUZ Datasheet HTML 3Page - Intersil Corporation ISL54220IUZ Datasheet HTML 4Page - Intersil Corporation ISL54220IUZ Datasheet HTML 5Page - Intersil Corporation ISL54220IUZ Datasheet HTML 6Page - Intersil Corporation ISL54220IUZ Datasheet HTML 7Page - Intersil Corporation ISL54220IUZ Datasheet HTML 8Page - Intersil Corporation ISL54220IUZ Datasheet HTML 9Page - Intersil Corporation ISL54220IUZ Datasheet HTML 10Page - Intersil Corporation ISL54220IUZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6819.1
February 4, 2010
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. BREAK-BEFORE-MAKE TIME
FIGURE 3. rON TEST CIRCUIT
Test Circuits and Waveforms (Continued)
90%
VDD
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
VIN
SEL
Dx
RL
CL
VOUT
10pF
50
Ω
HSD2x
VDD
GND
VINPUT
C
OE
HSD1x
VDD
C
OV OR VDD
HSDx
Dx
SEL
GND
VHSDX
V1
rON = V1/40mA
40mA
Repeat test for all switches.
OE
ISL54220


同様の部品番号 - ISL54220IUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54220IUZ INTERSIL-ISL54220IUZ Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
logo
Renesas Technology Corp
ISL54220IUZ RENESAS-ISL54220IUZ Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220IUZ-T INTERSIL-ISL54220IUZ-T Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
logo
Renesas Technology Corp
ISL54220IUZ-T RENESAS-ISL54220IUZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

同様の説明 - ISL54220IUZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com