データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AVC2T872 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AVC2T872
部品情報  SN74AVC2T872
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T872 データシート(HTML) 6 Page - Texas Instruments

Back Button SN74AVC2T872 Datasheet HTML 2Page - Texas Instruments SN74AVC2T872 Datasheet HTML 3Page - Texas Instruments SN74AVC2T872 Datasheet HTML 4Page - Texas Instruments SN74AVC2T872 Datasheet HTML 5Page - Texas Instruments SN74AVC2T872 Datasheet HTML 6Page - Texas Instruments SN74AVC2T872 Datasheet HTML 7Page - Texas Instruments SN74AVC2T872 Datasheet HTML 8Page - Texas Instruments SN74AVC2T872 Datasheet HTML 9Page - Texas Instruments SN74AVC2T872 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ELECTRICAL CHARACTERISTICS
(1) (2)
SN74AVC2T872
SCES710 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –100 µA
1.1 V to 3.6 V
1.1 V to 3.6 V
VCCO – 0.2
IOH = –2 mA
1.1 V
1.1 V
0.9
IOH = –6 mA
1.4 V
1.4 V
1
VOH
VI = VIH
V
IOH = –8 mA
1.65 V
1.65 V
1.2
IOH = –9 mA
2.3 V
2.3 V
1.75
IOH = –12 mA
3 V
3 V
2.3
IOL = 100 µA
1.1 V to 3.6 V
1.1 V to 3.6 V
0.2
IOL = 3 mA
1.1 V
1.1 V
0.3
IOL = 6 mA
1.4 V
1.4 V
0.35
VOL
VI = VIL
V
IOL = 8 mA
1.65 V
1.65 V
0.45
IOL = 9 mA
2.3 V
2.3 V
0.55
IOL = 12 mA
3 V
3 V
0.7
Control
II
VI = VCCA or GND
1.1 V to 3.6 V
1.1 V to 3.6 V
±0.025
±0.25
±1
µA
inputs
Ioff
A port
VI or VO = 0 to 3.6 V
0 V
0 V to 3.6 V
±0.02
±2.5
±5
µA
A port
DIR_POL = Low,
DIR = Low
3.6 V
3.6 V
±0.01
±2.5
±5
IOZ
PD_EN = Low,
µA
B port
DIR = High
3.6 V
3.6 V
±0.14
±5
±15
VI = VCCI to GND,
1.1 V to 3.6 V
1.1 V to 3.6 V
0.02
10
ICCA
VI = VCCI or GND, IO = 0
0 V
0 V to 3.6 V
–2
µA
0 V to 3.6 V
0 V
0.01
10
1.1 V to 3.6 V
1.1 V to 3.6 V
0.13
30
ICCB
VI = VCCI or GND, IO = 0
0 V
0 V to 3.6 V
0.07
15
µA
0 V to 3.6 V
0 V
–2
ICCA + ICCB
VI = VCCI or GND, IO = 0
1.1 V to 3.6 V
1.1 V to 3.6 V
0.15
40
µA
Control
Ci
VI = 3.3 V or GND
3.6 V
3.6 V
1.5
2
pF
inputs
A port
5.5
7
Cio
VO = 3.3 V or GND
3.6 V
3.6 V
pF
B port
27
32.5
DIR_POL = Low,
Rpd(+),
DIR = High,
3.6 V
3.6 V
118
80
150
k
Rpd(–)
PD_EN = High
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC2T872


同様の部品番号 - SN74AVC2T872

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC2T872 TI-SN74AVC2T872 Datasheet
281Kb / 18P
[Old version datasheet]   VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
SN74AVC2T872YFPR TI-SN74AVC2T872YFPR Datasheet
281Kb / 18P
[Old version datasheet]   VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
SN74AVC2T872 TI-SN74AVC2T872_1 Datasheet
281Kb / 18P
[Old version datasheet]   VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com