データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC04-6.TB データシート(PDF) 1 Page - Semtech Corporation

部品番号 LC04-6.TB
部品情報  Dual Low Capacitance TVS Array for Telecom Linecard Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC04-6.TB データシート(HTML) 1 Page - Semtech Corporation

  LC04-6.TB Datasheet HTML 1Page - Semtech Corporation LC04-6.TB Datasheet HTML 2Page - Semtech Corporation LC04-6.TB Datasheet HTML 3Page - Semtech Corporation LC04-6.TB Datasheet HTML 4Page - Semtech Corporation LC04-6.TB Datasheet HTML 5Page - Semtech Corporation LC04-6.TB Datasheet HTML 6Page - Semtech Corporation LC04-6.TB Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
LC04-6
Dual Low Capacitance TVS Array for
Telecom Linecard Applications
Transient protection for high-speed data lines to
Bellcore GR-1089 I
PP=70A (10/1000µs)
Bellcore GR 1089 I
PP=100A
(2/10µs)
ITU K.20 I
PP=100A
(5/310µs)
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 100A (8/20µs)
Protects two tip and ring line pairs
Low capacitance for high-speed interfaces
High surge capability
Low clamping voltage
Solid-state silicon avalanche technology
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 04/12/05
Applications
Mechanical Characteristics
The LC04-6 has been specifically designed to protect
sensitive components which are connected to high-
speed telecommunications lines from over voltages
caused by lightning, electrostatic discharge (ESD),
cable discharge events (CDE), and electrical fast
transients (EFT).
The device is in a JEDEC SO-16 NB package. It is
designed to provide metallic surge protection for two
tip and ring line pairs. The low capacitance topology
means signal integrity is preserved on high-speed lines.
The high surge capability (1000W, t
p=10/1000µs)
makes the LC04-6 suitable for telecommunications
systems operating in harsh transient environments.
The LC04-6 is designed to meet the lightning surge
requirements of Bellcore GR-1089 (Intra-building) , FCC
Part 68, ITU K.20, and IEC 61000-4-5. The features of
the LC04-6 are ideal for protecting T1/E1 transceivers
in WAN applications.
SO-16 (Top View)
JEDEC SO-16 package
Molding compound flammability rating: UL 94V-0
Marking : Part number, date code, logo
Packaging : Tube or Tape and Reel per EIA 481
T1/E1 Line Cards
Base Stations
WAN Equipment
CSU/DSU
Multiplexers
Routers
ISP Equipment
Customer Premise Equipment
TIP
RING
Pin 1 - 4
Pin 13 - 16


同様の部品番号 - LC04-6.TB

メーカー部品番号データシート部品情報
logo
Semtech Corporation
LC04-6 SEMTECH-LC04-6 Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-6TB SEMTECH-LC04-6TB Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-6TE SEMTECH-LC04-6TE Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
More results

同様の説明 - LC04-6.TB

メーカー部品番号データシート部品情報
logo
Semtech Corporation
LC04-6 SEMTECH-LC04-6 Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-12 SEMTECH-LC04-12 Datasheet
201Kb / 8P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications
LC05-6 SEMTECH-LC05-6_03 Datasheet
104Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications
LC05-6 SEMTECH-LC05-6 Datasheet
180Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications?
TCLAMP3302N SEMTECH-TCLAMP3302N Datasheet
243Kb / 9P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP0602N SEMTECH-TCLAMP0602N Datasheet
181Kb / 7P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP2502N SEMTECH-TCLAMP2502N Datasheet
192Kb / 8P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com