データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA134022AX01 データシート(PDF) 2 Page - Baumer IVO GmbH & Co. KG

部品番号 TA134022AX01
部品情報  Tachometer electronic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IVO [Baumer IVO GmbH & Co. KG]
ホームページ  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

TA134022AX01 データシート(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  TA134022AX01 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG TA134022AX01 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Tachometer electronic
www.baumerivo.com
2
TA134
Part number
TA134.
AX01
Voltage supply
1 22...50 VAC
2 85...265 VAC
3 12...30 VDC
Outputs
1 Relay outputs
2 Optocoupler outputs
Interface
0 Without interface
1 RS485
2 limits, PNP, NPN or AC logic
Display LCD, 6-digits, programmable
Comparator inputs
Input circuit
Inputs
PNP- / NPN- / AC-logic
Input level
Programmable
Input level Low
0...2 VDC
Input level High
3...40 VDC
Input resistance
3 kΩ
Relay outputs
Output circuit
Switching voltage max.
250 VAC / 110 VDC
Switching current max.
1 A
Switching capacity max.
150 VA / 30 W
Relay responding time
5 ms
Electronical outputs
Output circuit
Optocoupler short-circuit proof
Switching voltage max.
40 V
Switching current max.
25 mA
Trigger level
A (Count)
B (Tacho)
Voltage
supply
Interface
RS485
Batch counter
with scaling factor
Tachometer with 2
limits and scaling
1
2
3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Control input
T,R-
T,R+
Signal input
P2
Output
Sensor
supply
+
-
P1
+
-
Block circuit diagram
Dimensions
60.8
48
10
100
1-6
7
Relay outputs
Electronic outputs
15 14 13 12 11 10
98
7
6
P2
P1
54
32
1
RS485 Sensor-
supply
Control
input
Signal
input
terminal - terminal/
max. 265 V
- terminal
15 14 13 12 11 10
98
7
6
P2
P1
54
32
1
RS485 Sensor
supply
Control
input
Signal
input
terminal - terminal /
max. 265 V
- terminal
Outputs
Outputs
Connection diagram


同様の部品番号 - TA134022AX01

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1340A TAI-SAW-TA1340A Datasheet
381Kb / 8P
   SAW Filter 1382.24 MHz
TA1340B TAI-SAW-TA1340B Datasheet
487Kb / 8P
   SAW Filter 1382.24 MHz
More results

同様の説明 - TA134022AX01

メーカー部品番号データシート部品情報
logo
Baumer IVO GmbH & Co. K...
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
   Tachometer electronic
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com