データシートサーチシステム |
|
NE212.242AXA2 データシート(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
NE212.242AXA2 データシート(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 4 page www.baumerivo.com www.baumerivo.com Preset counters electronic www.baumerivo.com 2 NE212 2 presets, totalizer and batch counter Display LED, 8-digits, programmable Optocoupler inputs Input circuit Control inputs PNP- / NPN-logic Count input Trigger current 9...16 mA Switch-off current <0.5 mA Input resistance 1.65 kΩ Reset input Trigger current 5...8 mA Switch-off current <0.5 mA Input resistance 3.3 kΩ Relay outputs Output circuit Switching voltage max. 250 VAC / 110 VDC Switching current max. 1 A Switching capacity max. 150 VA / 30 W Relay responding time 5 ms Electronical outputs Output circuit PNP-switching transistor Open collector Switching voltage 24 VDC ±20 % Switching current max. 10 mA (AC) 50 mA (DC) NPN-switching transistor Open collector Switching voltage max. 35 V Switching current max. 50 mA Trigger level Voltage supply Signal input Reset Stop/Hold XB-signal- input XB-reset Coding for input logic NPN Br. 18-20 PNP Br. 18-19 Totalizer Main counter with 2 presets start count scaling factor Batch counter as preselection counter with 1 preset multiplier tachometer or batch counter A 90° B A B Operating time meter B1 Output P2 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 20 19 Sensor supply + - P2 T,R- T,R+ Interface RS422 Interface RS485 21 22 23 24 25 26 Interface RS232 23 25 26 TxD+ TxD- RxD+ RxD- TxD RxD GND + - Block circuit diagram B1 P2 P1 max. 265 V terminal - terminal /- terminal A B Count +24V 0V 2 3 12 13 14 15 16 17 18 21 22 23 24 25 26 4 5 6 7 8 9 10 11 19 20 1 RS232 RS422 RS485 B1 Output P2 P1 max. 265 V terminal - terminal /- terminal A B Count +24V 0V 2 3 12 13 14 15 16 17 18 21 22 23 24 25 26 4 5 6 7 8 9 10 11 19 20 1 RS422 RS485 RS232 Relay outputs Electronic outputs Connection diagram |
同様の部品番号 - NE212.242AXA2 |
|
同様の説明 - NE212.242AXA2 |