データシートサーチシステム |
|
STFLWARP11PG データシート(PDF) 11 Page - STMicroelectronics |
|
STFLWARP11PG データシート(HTML) 11 Page - STMicroelectronics |
11 / 19 page W.A.R.P. TIMING TABLES Off-line Phase Timing (Internal RAMs Loading with Charge Mode ”0”) OF L I0 - I6 DATA 0 D ATAn DATA 1 MC L K FIN NP EP F IN d e t e c t io n D AT A 0 a c q u i s iti o n D AT A 1 a c q u i s iti o n D ATA n a c q u is it io n TAC Q TAC Q = 200 ns fo r a c o n fig u ra tio n w ith 1 6 in pu ts , 8 ou tp u ts, 28 ru le s Timing Table Description: OFF-LINE phase (CHM ”0”) - CHM [INPUT] low will enable the ’manual downloading’ by specifying the address and data to be loaded into W.A.R.P.. - MCLK [INPUT] must be connected with the external synchronization signal. - PRST [INPUT] must be set high to enable the device. - OFL [INPUT] must be set high to enable the configurationloading phase into the internal RAMs of W.A.R.P.. - The input to be written into the internal memories at the address specified in A0-A9 must be put into I0-I7 bus . - SYNC [OUTPUT] will be provided to synchronize input data (I0-I7,A0-A9) coming from an external database. SYNC frequency is MCLK/32 with a phase delay of tCSP ns . W.A.R.P. stores the data present on input buses at the rising edge of MCLK, returns a SYNC pulse after tCSP ns indicating that is waiting for new data and address that must be given within next 31MCLK pulses. Afterwards W.A.R.P. stores the data on input buses and restores a new SYNC pulse. W.A.R.P. stores the data situated in I0-I7 and the addresses A0-A9 into its internal registers. Figure 8. Block Diagram for W.A.R.P. downloading (CHM ”0”) 11/19 W.A.R.P.1.1 |
同様の部品番号 - STFLWARP11PG |
|
同様の説明 - STFLWARP11PG |