データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL28L92 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL28L92
部品情報  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL28L92 データシート(HTML) 3 Page - Texas Instruments

  TL28L92 Datasheet HTML 1Page - Texas Instruments TL28L92 Datasheet HTML 2Page - Texas Instruments TL28L92 Datasheet HTML 3Page - Texas Instruments TL28L92 Datasheet HTML 4Page - Texas Instruments TL28L92 Datasheet HTML 5Page - Texas Instruments TL28L92 Datasheet HTML 6Page - Texas Instruments TL28L92 Datasheet HTML 7Page - Texas Instruments TL28L92 Datasheet HTML 8Page - Texas Instruments TL28L92 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
www.ti.com
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
3.3.4
Status Registers
................................................................................................. 35
3.3.4.1
Status Register Channel A (SRA)
.................................................................. 35
3.3.4.2
Status Register Channel B (SRB)
.................................................................. 36
3.3.5
Output Configuration Control Register (OPCR)
............................................................. 36
3.3.6
Set Output Port Bits Register (SOPR)
........................................................................ 37
3.3.7
Reset Output Port Bits Register (ROPR)
..................................................................... 38
3.3.8
Output Port Register (OPR)
.................................................................................... 39
3.3.9
Auxiliary Control Register (ACR)
.............................................................................. 39
3.3.10
Input Port Change Register (IPCR)
........................................................................... 40
3.3.11
Interrupt Status Register (ISR)
................................................................................. 40
3.3.12
Interrupt Mask Register (IMR)
................................................................................. 41
3.3.13
Interrupt Vector Register (IVR; 68xxx Mode) or General Purpose Register (GP; 80xxx Mode)
...... 42
3.3.14
Counter/Timer Registers
........................................................................................ 43
3.4
Output Port Notes
.......................................................................................................... 44
3.5
CTS, RTS, CTS Enable Tx Signals
..................................................................................... 44
4
Electrical Specifications
...................................................................................................... 45
4.1
ABSOLUTE MAXIMUM RATINGS
....................................................................................... 45
4.2
STATIC CHARACTERISTICS FOR 5-V OPERATION
................................................................ 45
4.3
STATIC CHARACTERISTICS FOR 3.3-V OPERATION
............................................................. 46
4.4
DYNAMIC CHARACTERISTICS FOR 5-V OPERATION
............................................................. 47
4.5
DYNAMIC CHARACTERISTICS FOR 3.3-V OPERATION
........................................................... 49
5
Diagrams
........................................................................................................................... 51
5.1
Typical Performance
....................................................................................................... 51
5.2
Timing Diagrams
........................................................................................................... 51
5.3
Test Information
............................................................................................................ 58
Contents
3


同様の部品番号 - TL28L92

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL284 TI-TL284 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

同様の説明 - TL28L92

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Exar Corporation
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Exar Corporation
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com