データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL28L92FRR データシート(PDF) 7 Page - Texas Instruments

部品番号 TL28L92FRR
部品情報  3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL28L92FRR データシート(HTML) 7 Page - Texas Instruments

Back Button TL28L92FRR Datasheet HTML 3Page - Texas Instruments TL28L92FRR Datasheet HTML 4Page - Texas Instruments TL28L92FRR Datasheet HTML 5Page - Texas Instruments TL28L92FRR Datasheet HTML 6Page - Texas Instruments TL28L92FRR Datasheet HTML 7Page - Texas Instruments TL28L92FRR Datasheet HTML 8Page - Texas Instruments TL28L92FRR Datasheet HTML 9Page - Texas Instruments TL28L92FRR Datasheet HTML 10Page - Texas Instruments TL28L92FRR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
1.2.1 Device Information
TL28L92 (80xxx mode)
8
BUS BUFFER
CHANNEL B
(AS ABOVE)
D0 to D7
OPERATION
CONTROL
ADDRESS
DECODE
R/W CONTROL
RESET
I/M
open or connect
to VCC for 80xxx
A0 to A3
CEN
WRN
RDN
4
INTERRUPT
CONTROL
IMR
ISR
GP
TIMING
BAUD RATE
GENERATOR
CLOCK
SELECTORS
COUNTER/
TIMER
XTAL
OSCILLATOR
CSRA
CSRB
ACR
CTL
CTU
INTRN
X2
X1/CLK
CHANNEL A
16-BYTE
TRANSMIT FIFO
TRANSMIT
SHIFT REGISTER
16-BYTE
RECEIVE FIFO
WATCHDOG
TIMER
TxDA
RxDA
RxDB
RECEIVE
SHIFT REGISTER
MRA0, 1, 2
CRA
SRA
INPUT PORT
CHANGE-OF-
STATE
DETECTORS (4)
ACR
IPCR
IP0 to IP6
7
TxDB
OUTPUT PORT
FUNCTION
SELECT LOGIC
OPR
OPCR
OP0 to OP7
8
TL28L92
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
www.ti.com
SLLS890A – AUGUST 2008 – REVISED OCTOBER 2008
A.
The data pins TxD and RxD are considered idle at the logic 1 (HIGH) level when inactive, or active when at the logic
0 (LOW) level. Comments about these levels when RS232 is referenced often refer to Mark and Space levels. Mark
usually means inactive and Space means active. The voltage levels represented by the terms Mark and Space are
often reversed from those above: Mark is low voltage, and Space is high voltage.
Figure 1-1. Block Diagram (80xxx Mode)
Submit Documentation Feedback
General Description
7


同様の部品番号 - TL28L92FRR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL284 TI-TL284 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842 TI-TL2842 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2842B TI-TL2842B Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

同様の説明 - TL28L92FRR

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Exar Corporation
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Exar Corporation
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com