データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHT4051 データシート(PDF) 10 Page - Motorola, Inc

部品番号 MC74VHT4051
部品情報  Analog Multiplexer Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHT4051 データシート(HTML) 10 Page - Motorola, Inc

Back Button MC74VHT4051 Datasheet HTML 4Page - Motorola, Inc MC74VHT4051 Datasheet HTML 5Page - Motorola, Inc MC74VHT4051 Datasheet HTML 6Page - Motorola, Inc MC74VHT4051 Datasheet HTML 7Page - Motorola, Inc MC74VHT4051 Datasheet HTML 8Page - Motorola, Inc MC74VHT4051 Datasheet HTML 9Page - Motorola, Inc MC74VHT4051 Datasheet HTML 10Page - Motorola, Inc MC74VHT4051 Datasheet HTML 11Page - Motorola, Inc MC74VHT4051 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC74VHCT4051
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 2
10
ANALOG
SIGNAL
Figure 15. Application Example
Figure 16. External Germanium or
Schottky Clipping Diodes
a. Low Voltage Logic Level Shifting Control
b. 2–Stage Logic Level Shifting Control
Figure 17. Interfacing to Low Voltage CMOS Outputs
ON
6
8
16
+5V
ANALOG
SIGNAL
+5V
0V
+5V
0V
11
10
9
TO EXTERNAL LSTTL COMPATIBLE
CIRCUITRY 0 to VIH
DIGITAL SIGNALS
ON/OFF
8
16
VCC
GND
Dx
VCC
Dx
GND
Dx
VCC
Dx
ANALOG
SIGNAL
ON/OFF
6
8
16
+3V
ANALOG
SIGNAL
+3V
GND
+3V
GND
11
10
9
1.8V – 2.5V
CIRCUITRY
ANALOG
SIGNAL
ON/OFF
6
8
16
+5V
ANALOG
SIGNAL
+5V
GND
+5V
GND
11
10
9
1.8V – 2.5V
CIRCUITRY
+5V
MC74VHCT1GT50 BUFFERS
VCC = 3.0V
Figure 18. Function Diagram, VHCT4051
13
X0
14
X1
15
X2
12
X3
1
X4
5
X5
2
X6
4
X7
3
X
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
11
A
10
B
9
C
6
ENABLE


同様の部品番号 - MC74VHT4051

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74VHC00 MOTOROLA-MC74VHC00 Datasheet
138Kb / 5P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
88Kb / 6P
   Quad 2-Input NAND Gate
September, 2014 ??Rev. 7
logo
Motorola, Inc
MC74VHC00D MOTOROLA-MC74VHC00D Datasheet
138Kb / 5P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MC74VHC00DR2 ONSEMI-MC74VHC00DR2 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
More results

同様の説明 - MC74VHT4051

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com