データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM129 データシート(PDF) 1 Page - Linear Technology

部品番号 LM129
部品情報  6.9V Precision Voltage Reference
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LM129 データシート(HTML) 1 Page - Linear Technology

  LM129_1 Datasheet HTML 1Page - Linear Technology LM129_1 Datasheet HTML 2Page - Linear Technology LM129_1 Datasheet HTML 3Page - Linear Technology LM129_1 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM129/LM329
1
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
s
Transducers
s
A/D and D/A Converters
s
Calibration Standards
s
Instrumentation Reference
s
Guaranteed 10ppm/
°C Temperature Coefficient
s
Guaranteed 1
Ω Maximum Dynamic Impedance
s
Guaranteed 20
µV Maximum Wideband Noise
s
Wide Operating Current Range 0.6mA to 15mA
6.9V Precision
Voltage Reference
The LM129 temperature compensated 6.9V zener refer-
ences provide excellent stability over time and tempera-
ture, very low dynamic impedance and a wide operating
current range. The device achieves low dynamic imped-
ance by incorporating a high gain shunt regulator around
the zener. The excellent noise performance of the device is
achieved by using a “buried zener” design which elimi-
nates surface noise phenomenon associated with ordi-
nary zeners. To serve a wide variety of applications, the
LM129 is available in several temperature coefficient
grades and two package styles. A 20mA positive current
source application is shown below.
, LTC and LT are registered trademarks of Linear Technology Corporation.
REVERSE CURRENT (mA)
0
6
10
129/329 TA01b
24
8
8
7
6
5
4
3
2
1
0
TA = 25°C
+
20V
LM329
6.95V
20k
0.1%
174
0.1%
4.3k
20k
0.1%
LT1001
10k
OUT
20mA
129/329 TA01
2
3
7
6
4
20mA Positive Current Source
Reverse Voltage Change


同様の部品番号 - LM129_1

メーカー部品番号データシート部品情報
logo
Linear Technology
LM129 LINER-LM129_15 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
More results

同様の説明 - LM129_1

メーカー部品番号データシート部品情報
logo
Linear Technology
LM129 LINER-LM129_15 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
LM329 LINER-LM329_15 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
RH129 LINER-RH129_15 Datasheet
135Kb / 2P
   6.9V Precision Reference
RH129 LINER-RH129 Datasheet
127Kb / 2P
   6.9V Precision Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com