データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FGB30N6S2 データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FGB30N6S2
部品情報  600V, SMPS II Series N-Channel IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB30N6S2 データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FGB30N6S2 Datasheet HTML 3Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 4Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 5Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 6Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 7Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 8Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 9Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 10Page - Fairchild Semiconductor FGB30N6S2 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2001 Fairchild Semiconductor Corporation
FGH30N6S2 / FGP30N6S2 / FGS30N6S2 Rev. A
TO-247
3 LEAD JEDEC STYLE TO-247 PLASTIC PACKAGE
A
b
b1
c
D
E
L
L1
ØR
12
e1
31
J1
ØS
Q
ØP
BACK VIEW
TERM. 4
3
e
b2
2
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.180
0.190
4.58
4.82
-
b
0.046
0.051
1.17
1.29
2, 3
b1
0.060
0.070
1.53
1.77
1, 2
b2
0.095
0.105
2.42
2.66
1, 2
c
0.020
0.026
0.51
0.66
1, 2, 3
D
0.800
0.820
20.32
20.82
-
E
0.605
0.625
15.37
15.87
-
e
0.219 TYP
5.56 TYP
4
e1
0.438 BSC
11.12 BSC
4
J1
0.090
0.105
2.29
2.66
5
L
0.620
0.640
15.75
16.25
-
L1
0.145
0.155
3.69
3.93
1
ØP
0.138
0.144
3.51
3.65
-
Q
0.210
0.220
5.34
5.58
-
ØR
0.195
0.205
4.96
5.20
-
ØS
0.260
0.270
6.61
6.85
-
NOTES:
1. Lead dimension and finish uncontrolled in L1.
2. Lead dimension (without solder).
3. Add typically 0.002 inches (0.05mm) for solder coating.
4. Position of lead to be measured 0.250 inches (6.35mm) from bottom of dimen-
sion D.
5. Position of lead to be measured 0.100 inches (2.54mm) from bottom of dimen-
sion D.
6. Controlling dimension: Inch.
7. Revision 1 dated 1-93.


同様の部品番号 - FGB30N6S2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FGB30N6S2 FAIRCHILD-FGB30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2 FAIRCHILD-FGB30N6S2 Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2D FAIRCHILD-FGB30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2D FAIRCHILD-FGB30N6S2D Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

同様の説明 - FGB30N6S2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2T FAIRCHILD-FGB30N6S2T Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH20N6S2 FAIRCHILD-FGH20N6S2 Datasheet
183Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH40N6S2 FAIRCHILD-FGH40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH60N6S2 FAIRCHILD-FGH60N6S2 Datasheet
175Kb / 8P
   600V, SMPS II Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com